Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1505CBS Datasheet(PDF) 45 Page - NXP Semiconductors

Part # ISP1505CBS
Description  ULPI Hi-Speed USB host and peripheral transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1505CBS Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button ISP1505CBS Datasheet HTML 41Page - NXP Semiconductors ISP1505CBS Datasheet HTML 42Page - NXP Semiconductors ISP1505CBS Datasheet HTML 43Page - NXP Semiconductors ISP1505CBS Datasheet HTML 44Page - NXP Semiconductors ISP1505CBS Datasheet HTML 45Page - NXP Semiconductors ISP1505CBS Datasheet HTML 46Page - NXP Semiconductors ISP1505CBS Datasheet HTML 47Page - NXP Semiconductors ISP1505CBS Datasheet HTML 48Page - NXP Semiconductors ISP1505CBS Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
ISP1505A_ISP1505C_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 26 August 2008
44 of 75
NXP Semiconductors
ISP1505A; ISP1505C
ULPI HS USB host and peripheral transceiver
10.1 Immediate register set
10.1.1 Vendor ID and Product ID registers
10.1.1.1
Vendor ID Low register
Table 19 shows the bit description of the register.
10.1.1.2
Vendor ID High register
The bit description of the register is given in Table 20.
10.1.1.3
Product ID Low register
The bit description of the Product ID Low register is given in Table 21.
10.1.1.4
Product ID High register
The bit description of the register is given in Table 22.
10.1.2 Function Control register
This register controls UTMI function settings of the PHY. The bit allocation of the register
is given in Table 23.
Table 19.
Vendor ID Low register (address R = 00h) bit description
Bit
Symbol
Access
Value
Description
7 to 0
VENDOR_ID_
LOW[7:0]
R
CCh
Vendor ID Low: Lower byte of the NXP vendor ID supplied by USB-IF; has
a fixed value of CCh
Table 20.
Vendor ID High register (address R = 01h) bit description
Bit
Symbol
Access
Value
Description
7 to 0
VENDOR_ID_
HIGH[7:0]
R
04h
Vendor ID High: Upper byte of the NXP vendor ID supplied by USB-IF;
has a fixed value of 04h
Table 21.
Product ID Low register (address R = 02h) bit description
Bit
Symbol
Access
Value
Description
7 to 0
PRODUCT_ID_
LOW[7:0]
R
05h
Product ID Low: Lower byte of the NXP product ID number; has a fixed
value of 05h
Table 22.
Product ID High register (address R = 03h) bit description
Bit
Symbol
Access
Value
Description
7 to 0
PRODUCT_ID_
HIGH[7:0]
R
15h
Product ID High: Upper byte of the NXP product ID number; has a fixed
value of 15h
Table 23.
Function Control register (address R = 04h to 06h, W = 04h, S = 05h, C = 06h) bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
SUSPENDM
RESET
OPMODE[1:0]
TERM
SELECT
XCVRSELECT[1:0]
Reset
0
1
0
00001
Access
R/W/S/C
R/W/S/C
R/W/S/C
R/W/S/C
R/W/S/C
R/W/S/C
R/W/S/C
R/W/S/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com