Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM75B Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LM75B
Description  Digital temperature sensor and thermal watchdog
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LM75B Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LM75B Datasheet HTML 3Page - NXP Semiconductors LM75B Datasheet HTML 4Page - NXP Semiconductors LM75B Datasheet HTML 5Page - NXP Semiconductors LM75B Datasheet HTML 6Page - NXP Semiconductors LM75B Datasheet HTML 7Page - NXP Semiconductors LM75B Datasheet HTML 8Page - NXP Semiconductors LM75B Datasheet HTML 9Page - NXP Semiconductors LM75B Datasheet HTML 10Page - NXP Semiconductors LM75B Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
LM75B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 December 2008
7 of 29
NXP Semiconductors
LM75B
Digital temperature sensor and thermal watchdog
7.4.1 Pointer register
The Pointer register contains an 8-bit data byte, of which the two LSB bits represent the
pointer value of the other four registers, and the other 6 MSB bits are equal to 0, as shown
in Table 5 and Table 6. The Pointer register is not accessible to the user, but is used to
select the data register for write/read operation by including the pointer data byte in the
bus command.
Because the Pointer value is latched into the Pointer register when the bus command
(which includes the pointer byte) is executed, a read from the LM75B may or may not
include the pointer byte in the statement. To read again a register that has been recently
read and the pointer has been preset, the pointer byte does not have to be included. To
read a register that is different from the one that has been recently read, the pointer byte
must be included. However, a write to the LM75B must always include the pointer byte in
the statement. The bus communication protocols are described in Section 7.10.
At power-up, the Pointer value is equal to 00 and the Temp register is selected; users can
then read the Temp data without specifying the pointer byte.
7.4.2 Configuration register
The Configuration register (Conf) is a write/read register and contains an 8-bit
non-complement data byte that is used to configure the device for different operation
conditions. Table 7 shows the bit assignments of this register.
Table 5.
Pointer register
B7
B6
B5
B4
B3
B2
B[1:0]
0
0
0
0
0
0
pointer value
Table 6.
Pointer value
B1
B0
Selected register
0
0
Temperature register (Temp)
0
1
Configuration register (Conf)
1
0
Hysteresis register (Thyst)
1
1
Overtemperature shutdown register (Tos)
Table 7.
Conf register
Legend: * = default value.
Bit
Symbol
Access Value Description
B[7:5]
reserved
R/W
000*
reserved for manufacturer’s use; should be kept as
zeroes for normal operation
B[4:3]
OS_F_QUE[1:0] R/W
OS fault queue programming
00*
queue value = 1
01
queue value = 2
10
queue value = 4
11
queue value = 6
B2
OS_POL
R/W
OS polarity selection
0*
OS active LOW
1
OS active HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com