Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM75B Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LM75B
Description  Digital temperature sensor and thermal watchdog
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LM75B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LM75B Datasheet HTML 5Page - NXP Semiconductors LM75B Datasheet HTML 6Page - NXP Semiconductors LM75B Datasheet HTML 7Page - NXP Semiconductors LM75B Datasheet HTML 8Page - NXP Semiconductors LM75B Datasheet HTML 9Page - NXP Semiconductors LM75B Datasheet HTML 10Page - NXP Semiconductors LM75B Datasheet HTML 11Page - NXP Semiconductors LM75B Datasheet HTML 12Page - NXP Semiconductors LM75B Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
LM75B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 December 2008
9 of 29
NXP Semiconductors
LM75B
Digital temperature sensor and thermal watchdog
For 9-bit Temp data application in replacing the industry standard LM75, just use only
9 MSB bits of the two bytes and disregard 7 LSB of the LSByte. The 9-bit Temp data with
0.5
°C resolution of the LM75B is defined exactly in the same way as for the standard
LM75 and it is here similar to the Tos and Thyst registers.
The only MSByte of the temperature can also be read with the use of a one-byte reading
command. Then the temperature resolution will be 1.00
°C instead.
7.4.4 Overtemperature shutdown threshold (Tos) and hysteresis (Thyst) registers
These two registers, are write/read registers, and also called set-point registers. They are
used to store the user-defined temperature limits, called overtemperature shutdown
threshold (Tth(ots)) and hysteresis temperature (Thys), for the device watchdog operation.
At the end of each conversion the Temp data will be compared with the data stored in
these two registers in order to set the state of the device OS output; see Section 7.1.
Each of the set-point registers contains two 8-bit data bytes consisting of one MSByte and
one LSByte the same as register Temp. However, only 9 bits of the two bytes are used to
store the set-point data in 2’s complement format with the resolution of 0.5
°C. Table 10
and Table 11 show the bit arrangement of the Tos data and Thyst data in the data bytes.
Notice that because only 9-bit data are used in the set-point registers, the device uses
only the 9 MSB of the Temp data for data comparison.
When a set-point register is read, all 16 bits are provided to the bus and must be collected
by the controller to complete the bus operation. However, only the 9 most significant bits
should be used and the 7 LSB of the LSByte are equal to zero and should be ignored.
Table 12 shows examples of the limit data and value.
111 0011 1000
738
−200
−25.000 °C
110 0100 1001
649
−439
−54.875 °C
110 0100 1000
648
−440
−55.000 °C
Table 9.
Temp register value …continued
11-bit binary
(2’s complement)
Hexadecimal value
Decimal value
Value
Table 10.
Tos register
MSByte
LSByte
7654321076543210
D8
D7
D6
D5
D4
D3
D2
D1
D0
XXXXXXX
Table 11.
Thyst register
MSByte
LSByte
7654321076543210
D8
D7
D6
D5
D4
D3
D2
D1
D0
XXXXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com