Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3168APAPRG4 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPRG4
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168APAPRG4 Datasheet(HTML) 40 Page - Texas Instruments

Back Button PCM3168APAPRG4 Datasheet HTML 36Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 37Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 38Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 39Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 40Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 41Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 42Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 43Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
PCM3168A
PCM3168A-Q1
SBAS452 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
66
42
OPEDA3
OPEDA2
OPEDA1
OPEDA0
FLT3
FLT2
FLT1
FLT0
OPEDA[3:0] DAC Operation control
These bits control the DAC operation mode. In operation disable mode, the DAC output is cut off
from DIN with a fade-out sequence, and the internal DAC data is reset. DAC output is forced into
VCOMDA if PSMDA = 1, or DAC output is forced into AGNDDA and goes into a power-down
state if PSMDA = 0. For normal operating mode, a fade-in sequence is applied on the DAC
output in resume process. The serial mode control is effective during operation disable mode. A
wait time greater than tDACDLY2 is required for the status change because of power-save control
turning on/off.
Default value: 0000.
OPEDA
DAC Operation control
xxx0
DAC1/2 normal operation
xxx1
DAC1/2 operation disable with or without power save
xx0x
DAC3/4 normal operation
xx1x
DAC3/4 operation disable with or without power save
x0xx
DAC5/6 normal operation
x1xx
DAC5/6 operation disable with or without power save
0xxx
DAC7/8 normal operation
1xxx
DAC7/8 operation disable with or without power save
FLT[3:0]
DAC Digital filter roll-off control
The FLT[3:0] bits allow users to select the digital filter roll-off that is best suited to their
applications. Sharp and Slow filter roll-off selections are available. The filter responses for these
selections are shown in the Typical Characteristics section of this data sheet.
Default value: 0000.
FLT
DAC Digital filter roll-off control
xxx0
DAC1/2 sharp roll-off
xxx1
DAC1/2 slow roll-off
xx0x
DAC3/4 sharp roll-off
xx1x
DAC3/4 slow roll-off
x0xx
DAC5/6 sharp roll-off
x1xx
DAC5/6 slow roll-off
0xxx
DAC7/8 sharp roll-off
1xxx
DAC7/8 slow roll-off
40
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM3168A PCM3168A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com