Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3168APAPRG4 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPRG4
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168APAPRG4 Datasheet(HTML) 55 Page - Texas Instruments

Back Button PCM3168APAPRG4 Datasheet HTML 51Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 52Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 53Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 54Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 55Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 56Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 57Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 58Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
APPLICATION INFORMATION
Termination
VIN1+
VIN1-
VIN2+
VIN2-
VIN3+
VIN3-
VIN4+
VIN4-
VIN5+
VIN5-
VIN6+
VIN6-
VDD1
DGND1
VDD2
DGND2
VCCAD1
AGNDA1
VCCAD2
AGNDAD2
VCOMAD
VREFAD1
VREFAD2
VOUT1+
VOUT1-
VOUT2+
VOUT2-
VOUT3+
VOUT3-
VOUT4+
VOUT4-
VOUT5+
VOUT5-
VOUT6+
VOUT6-
VOUT7+
VOUT7-
VOUT8+
VOUT8-
VCCDA1
AGNDDA1
VCCDA2
AGNDDA2
VCOMDA
PCM3168A
PCM3168A-Q1
C5
C6
C1
C7
C2
C3
C4
C8
C11
C9
C10
C12
ControlMCU
AnalogOutput
LPFandBuffer
AnalogInput
DigitalAudioProcessor
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
+
+
+
0V
5V
0V
3.3V
+
AnalogInput
AnalogInput
AnalogInput
AnalogInput
AnalogInput
AnalogOutput
LPFandBuffer
AnalogOutput
LPFandBuffer
AnalogOutput
LPFandBuffer
AnalogOutput
LPFandBuffer
AnalogOutput
LPFandBuffer
AnalogOutput
LPFandBuffer
AnalogOutput
LPFandBuffer
+
+
3.3V
48
3.3V
48
48
0V
48
0V
(1)
(2)
(3)
(4)
PCM3168A
PCM3168A-Q1
www.ti.com ......................................................................................................................................................................................... SBAS452 – SEPTEMBER 2008
A typical circuit connection for six-channel analog in and eight-channel analog out is shown in Figure 56.
C1 through C6 are 1-µF ceramic capacitors dependent on power-supply quality. C7 and C8 are 10-µF electrolytic capacitors dependent on
power-supply quality. C9 and C10 are 10-µF electrolytic capacitors. C11 and C12 are 10-µF electrolytic capacitors. R1 through R12 are 22-Ω to
100-
Ω resistors.
Figure 56. Example Board Layout
Termination for mode control: any one of the circuits shown in Figure 57 must be applied according to the
necessary mode/configuration. Resistor value must be 220 k
Ω, ±5% tolerant. The PowerPAD must be tied to the
ground plane with enough electrical and thermal conductivity; see the example board layout in Figure 56.
Figure 57. Typical Circuit Connections
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Link(s): PCM3168A PCM3168A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com