| Electronic Components Datasheet Search |
|
PCF2123TS Datasheet(PDF) 34 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2123TS Datasheet(HTML) 34 Page - NXP Semiconductors |
|
34 / 54 page ![]() PCF2123_1 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 01 — 19 November 2008 34 of 54 NXP Semiconductors PCF2123 SPI Real time clock/calendar 9.14 3-line serial interface Data transfer to and from the device is made via a 3-wire SPI-bus (see Table 41). The data lines for input and output are split. The data input and output lines can be connected together to facilitate a bidirectional data bus. The chip enable signal is used to identify the transmitted data. Each data transfer is a byte, with the Most Significant Bit (MSB) sent first (see Figure 23). The transmission is controlled by the active HIGH chip enable signal CE. The first byte transmitted is the command byte. Subsequent bytes will be either data to be written or data to be read. Data is sampled on the rising edge of the clock and transferred internally on the falling edge. The command byte defines the address of the first register to be accessed and the read/write mode. The address counter will auto increment after every access and will rollover to zero after the last register is accessed. The read/write bit (R/W) defines if the following bytes will be read or write information. Table 41. Serial interface Symbol Function Description CE chip enable input when LOW, the interface is reset; pull-down resistor included; active input may be higher than VDD, but may not be wired permanently HIGH SCL serial clock input when CE is LOW, this input may float; input may be higher than VDD SDI serial data input when CE is LOW, input may float; input may be higher than VDD; input data is sampled on the rising edge of SCL SDO serial data output push-pull output; drives from VSS to VDD; output data is changed on the falling edge of SCL; will be high-Z when not driving; may be connected directly to SDI Fig 22. SDI, SDO configurations Fig 23. Data transfer overview 001aai560 SDI two wire mode SDO SDI single wire mode SDO 001aaf914 COMMAND data bus chip enable DATA DATA DATA |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |