Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2123TS Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PCF2123TS
Description  SPI Real time clock/calendar
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123TS Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PCF2123TS Datasheet HTML 42Page - NXP Semiconductors PCF2123TS Datasheet HTML 43Page - NXP Semiconductors PCF2123TS Datasheet HTML 44Page - NXP Semiconductors PCF2123TS Datasheet HTML 45Page - NXP Semiconductors PCF2123TS Datasheet HTML 46Page - NXP Semiconductors PCF2123TS Datasheet HTML 47Page - NXP Semiconductors PCF2123TS Datasheet HTML 48Page - NXP Semiconductors PCF2123TS Datasheet HTML 49Page - NXP Semiconductors PCF2123TS Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
PCF2123_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 November 2008
46 of 54
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
15. Bare die outline
[1]
All coordinates are referenced in
µm to the center of the die (see Figure 31).
[2]
The substrate (rear side of the die) is wired to VSS but should not be electrically connected.
Fig 31. Bare die outline of PCF2123U/10
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
PCF2123U/10
Wire bond die; 12 bonding pads; 1.492 x 1.449 x 0.20 mm
PCF2123U/10
08-07-16
08-07-24
UNIT
mm
nom
0.20
1.492
1.296
0.09
0.081
0.09
A
DIMENSIONS (mm are the original dimensions)
D(1)
E(1)
1.449
eD
P1(2)
P2(3)
P3(2)
P4(3)
0.081
0
scale
1 mm
A
Notes
1. Dimension includes saw lane
2. P1 and P3: pad size
3. P2 and P4: passivation opening
P4 P3
P2
P1
detail X
D
E
eD
x
y
0
0
12
11
10
9
8
7
6
5
4
3
2
1
X
Table 46.
Bonding pad locations
Symbol
Pad
Coordinates[1]
x
y
SDO
1
648.0
−575.0
SDI
2
648.0
−377.0
SCL
3
648.0
−179.0
CLKOE
4
648.0
171.2
CLKOUT
5
648.0
369.2
VDD
6
648.0
625.7
OSCI
7
−648.0
639.0
OSCO
8
−648.0
421.9
TEST
9
−648.0
−25.9
INT
10
−648.0
−223.9
CE
11
−648.0
−441.0
VSS[2]
12
−648.0
−639.0
Alignment mark
693
−516.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com