Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF7115 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAF7115
Description  Multistandard video decoder with super-adaptive comb filter,
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF7115 Datasheet(HTML) 2 Page - NXP Semiconductors

  SAF7115 Datasheet HTML 1Page - NXP Semiconductors SAF7115 Datasheet HTML 2Page - NXP Semiconductors SAF7115 Datasheet HTML 3Page - NXP Semiconductors SAF7115 Datasheet HTML 4Page - NXP Semiconductors SAF7115 Datasheet HTML 5Page - NXP Semiconductors SAF7115 Datasheet HTML 6Page - NXP Semiconductors SAF7115 Datasheet HTML 7Page - NXP Semiconductors SAF7115 Datasheet HTML 8Page - NXP Semiconductors SAF7115 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
SAF7115_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 October 2008
2 of 35
NXP Semiconductors
SAF7115
Multistandard video decoder
The SAF7115 incorporates a frame locked audio clock generation. This function ensures
that there is always the same number of audio samples associated with a frame, or a set
of fields. This prevents the loss of synchronization between video and audio, during
capture or playback. Furthermore, there is an option to use a second analog onboard PLL
to enhance this audio clock to a low jitter frame locked audio clock.
The SAF7115 is controlled through the I2C-bus with full write/read capability for all
programming registers and a bit-rate of up to 400 kbit/s. See Ref. 1 for a detailed register
description, pin strapping and applications.
2.
Features
2.1 Video acquisition
I Six analog inputs, internal analog source selectors, e.g. (6 × CVBS) or (2 × Y/C and
2
× CVBS) or (1 × Y/C and 4 × CVBS)
I Two differential (bi-phase) video inputs as an alternative
I Two built-in analog anti-alias filters
I Two improved 9-bit CMOS ADCs in differential CMOS style at two-fold ITU-656
oversampling (27 MHz)
I Fully programmable static gain or Automatic Gain Control (AGC) for the selected
CVBS or Y/C channel
I Automatic Clamp Control (ACC) for CVBS, Y and C
I Switchable white peak control. Two 9-bit video CMOS ADCs, digitized CVBS or Y/C
I Signals are available on the expansion port (X-port)
I Requires only one crystal (32.11 MHz or 24.576 MHz) for all standards
I Independent gain and offset adjustments for raw data path
2.2 Comb filter video decoder
I Digital PLL for synchronization and clock generation from all standard and
non-standard video sources e.g. consumer grade Video Tape Recorders (VTR)
I Automatic detection of 50 Hz and 60 Hz field frequencies
I Automatic recognition of all common broadcast standards
I Enhanced horizontal and vertical sync detection
I Luminance and chrominance signal processing for:
N PAL BGDHIN
N Combination-PAL N
N PAL M
N NTSC M
N NTSC-Japan
N NTSC 4.43
N SECAM (50 Hz/60 Hz)
I PAL delay line for correcting PAL phase errors
I Improved 2/4-line comb filter for two dimensional chrominance/luminance-separation
operating with adaptive comb filter parameters.
N Increased luminance and chrominance bandwidth for all PAL and NTSC-standards
N Reduced cross color and cross luminance artefacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com