Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF7115 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SAF7115
Description  Multistandard video decoder with super-adaptive comb filter,
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF7115 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SAF7115 Datasheet HTML 17Page - NXP Semiconductors SAF7115 Datasheet HTML 18Page - NXP Semiconductors SAF7115 Datasheet HTML 19Page - NXP Semiconductors SAF7115 Datasheet HTML 20Page - NXP Semiconductors SAF7115 Datasheet HTML 21Page - NXP Semiconductors SAF7115 Datasheet HTML 22Page - NXP Semiconductors SAF7115 Datasheet HTML 23Page - NXP Semiconductors SAF7115 Datasheet HTML 24Page - NXP Semiconductors SAF7115 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
SAF7115_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 October 2008
21 of 35
NXP Semiconductors
SAF7115
Multistandard video decoder
11. Test information
11.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard
Q100 - Stress test qualification for integrated circuits, and is suitable for
use in automotive applications.
11.2 Boundary scan test
The SAF7115 has built-in logic and 5 dedicated pins to support boundary scan testing
which allows board testing without special hardware (nails). The SAF7115 follows the
IEEE Std. 1149.1 - Standard Test Access Port and Boundary-Scan Architecture set by the
Joint Test Action Group (JTAG).
The 5 dedicated pins are Test Mode Select (TMS), Test Clock (TCK), Test Reset
(TRST_N), Test Data Input (TDI) and Test Data Output (TDO).
The Boundary Scan Test (BST) functions BYPASS, EXTEST, SAMPLE, CLAMP and
IDCODE are all supported (see Table 10). Details about the JTAG BST-TEST can be
found in specification
IEEE Std. 1149.1.
11.2.1 Initialization of boundary scan circuit
The Test Access Port (TAP) controller of an IC should be in the reset state
(TEST_LOGIC_RESET) when the IC is in the functional mode. The reset state also forces
the instruction register into a functional instruction such as IDCODE or BYPASS.
To compensate for the power-up reset, the standard specifies that the TAP controller will
be forced asynchronously to the TEST_LOGIC_RESET state by setting the TRST_N pin
LOW.
Table 10.
BST instructions supported by the SAF7115
Instruction
Description
BYPASS
this mandatory instruction provides a minimum length serial path (1-bit) between TDI
and TDO when no test operation of the component is required
EXTEST
this mandatory instruction allows testing of off-chip circuitry and board level
interconnections
SAMPLE
this mandatory instruction can be used to take a sample of the inputs during normal
operation of the component; it can also be used to preload data values into the
latched outputs of the boundary scan register
CLAMP
this optional instruction is useful for testing when not all ICs have BST; this
instruction addresses the bypass register while the boundary scan register is in
external test mode
IDCODE
this optional instruction will provide information on the components manufacturer,
part number and version number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com