Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9885T/V5 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9885T/V5
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9885T/V5 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9885T/V5 Datasheet HTML 1Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 2Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 3Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 4Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 5Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 6Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 7Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 8Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
TDA9885_TDA9886_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 16 December 2008
2 of 56
NXP Semiconductors
TDA9885; TDA9886
I2C-bus controlled multistandard alignment-free IF-PLL demodulators
I Four selectable I2C-bus addresses
I I2C-bus control for all functions
I I2C-bus transceiver with pin programmable Module ADdress (MAD)
3.
Applications
I TV, VTR, PC, and STB applications
4.
Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VP
supply voltage
[1] 4.5
5.0
5.5
V
IP
supply current
52
63
70
mA
τP
time constant (R
× C) for
network at pin VP
for applications without I2C-bus
1.2
-
-
µs
Video part
Vi(VIF)(rms)
VIF input voltage
sensitivity (RMS value)
−1 dB video at output
-
60
100
µV
GVIF(cr)
control range VIF gain
see Figure 9
60
66
-
dB
fVIF
vision carrier operating
frequencies
see Table 13
-
33.4
-
MHz
-
33.9
-
MHz
-
38.0
-
MHz
-
38.9
-
MHz
-
45.75
-
MHz
-
58.75
-
MHz
∆fVIF
VIF frequency window of
digital acquisition help
related to fVIF; see Figure 12
-
±2.3
-
MHz
Vo(v)(p-p)
video output voltage
(peak-to-peak value)
see Figure 7
normal mode (sound carrier trap active)
and sound carrier on
1.7
2.0
2.3
V
trap bypass mode and sound carrier off
[2] 0.95
1.10
1.25
V
Gdif
differential gain
“ITU-T J.63 line 330”
[3]
B/G standard
-
-
5
%
L standard
-
-
7
%
ϕdif
differential phase
“ITU-T J.63 line 330”
-
2
4
deg
Bv(−1dB)
−1 dB video bandwidth
trap bypass mode and sound carrier off;
AC load: CL <20pF, RL >1kΩ
[2] 56-
MHz
Bv(−3dB)(trap) −3 dB video bandwidth
including sound carrier
trap
ftrap = 4.5 MHz
[4] 3.95
4.05
-
MHz
ftrap = 5.5 MHz
[4] 4.90
5.00
-
MHz
ftrap = 6.0 MHz
[4] 5.40
5.50
-
MHz
ftrap = 6.5 MHz
[4] 5.50
5.95
-
MHz
αSC1
attenuation at first sound
carrier
f = 4.5 MHz
30
36
-
dB
f = 5.5 MHz
30
36
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com