Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L52 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 32Page - Cirrus Logic CS42L52 Datasheet HTML 33Page - Cirrus Logic CS42L52 Datasheet HTML 34Page - Cirrus Logic CS42L52 Datasheet HTML 35Page - Cirrus Logic CS42L52 Datasheet HTML 36Page - Cirrus Logic CS42L52 Datasheet HTML 37Page - Cirrus Logic CS42L52 Datasheet HTML 38Page - Cirrus Logic CS42L52 Datasheet HTML 39Page - Cirrus Logic CS42L52 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 82 page
background image
36
DS680F1
CS42L52
5/13/08
4.7
Digital Interface Formats
The serial port operates in standard I²S, Left-justified, Right-justified (DAC only), or DSP Mode digital inter-
face formats with varying bit depths from 16 to 24. Data is clocked out of the ADC or into the DAC on the
rising edge of SCLK.
4.7.1
DSP Mode
In DSP Mode, the LRCK acts as a frame sync for 2 data-packed words (left and right channel) input on
SDIN and output on SDOUT. The MSB is input/output on the first SCLK rising edge after the frame sync
rising edge. The right channel immediately follows the left channel.
LRCK
SCLK
MS B
LS B
MS B
LS B
AOUTA / AINxA
Le ft C han ne l
R ig h t C han ne l
SDOUT
SDIN
AOUTB / AINxB
MSB
Figure 16. I²S Format
LRCK
SCLK
MS B
LS B
MS B
LS B
L eft C h an ne l
R ig h t C h a n ne l
SDOUT
SDIN
MSB
AOUTA / AINxA
AOUTB / AINxB
Figure 17. Left-Justified Format
LRCK
SC LK
MS B
LS B
MS B
LS B
L e f t C h an n e l
R i g h t C han ne l
SD IN
AO UTL
AO UTR
Audio W ord Length (AW L)
Figure 18. Right-Justified Format (DAC only)
LRCK
SCLK
MS B
LS B
SDIN
HP/LINE OUTB
LS B
Le ft C h an n e l
R ight C h an n el
MS B
LS B MS B
Audio Word Length (AWL)
1/fs
HP/LINE OUTA
Figure 19. DSP Mode Format)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com