Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L52 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 36Page - Cirrus Logic CS42L52 Datasheet HTML 37Page - Cirrus Logic CS42L52 Datasheet HTML 38Page - Cirrus Logic CS42L52 Datasheet HTML 39Page - Cirrus Logic CS42L52 Datasheet HTML 40Page - Cirrus Logic CS42L52 Datasheet HTML 41Page - Cirrus Logic CS42L52 Datasheet HTML 42Page - Cirrus Logic CS42L52 Datasheet HTML 43Page - Cirrus Logic CS42L52 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 82 page
background image
40
DS680F1
CS42L52
5/13/08
5. REGISTER QUICK REFERENCE
(
Default values are shown below the bit names)
I²C Address
: 1001010[R/W] - 10010100 = 0x94(Write); 10010101 = 0x95(Read)
Adr. Function
7
6
5
4
3
2
1
0
01h ID
CHIPID4
CHIPID3
CHIPID2
CHIPID1
CHIPID0
REVID2
REVID1
REVID0
p42
11
1
0
0
x
x
x
02h Power Ctl 1
PDN_CHRG
Reserved
Reserved
PDN_PGAB
PDN_PGAA
PDN_ADCB
PDN_ADCA
PDN
p42
00
0
0
0
0
0
1
03h Power Ctl 2
Reserved
Reserved
Reserved
OVRDB
OVRDA
PDN_MICB
PDN_MICA
PDN_BIAS
p43
00
0
0
0
1
1
1
04h Power Ctl 3
PDN_HPB1
PDN_HPB0
PDN_HPA1
PDN_HPA0
PDN_SPKB1 PDN_SPKB0 PDN_SPKA1 PDN_SPKA0
p44
00
0
0
0
1
0
1
05h Clocking Ctl
AUTO
SPEED1
SPEED0
32kGROUP
VIDEOCLK
RATIO1
RATIO0
MCLKDIV2
p44
10
1
0
0
0
0
0
06h Interface Ctl 1
M/S
INV_SCLK
ADCDIF
DSP
DACDIF1
DACDIF0
AWL1
AWL0
p46
00
0
0
0
0
0
0
07h Interface Ctl 2
Reserved
SCLK=MCLK
DIGLOOP
3ST_SP
INV_SWCH
BIASLVL2
BIASLVL1
BIASLVL0
p47
00
0
0
0
0
0
0
08h Input A Select
ADCASEL2
ADCASEL1
ADCASEL0
PGAASEL5
PGAASEL4
PGAASEL3
PGAASEL2
PGAASEL1
p48
10
0
0
0
0
0
1
09h Input B Select
ADCBSEL2
ADCBSEL1
ADCBSEL0
PGABSEL5
PGABSEL4
PGABSEL3
PGABSEL2
PGABSEL1
p48
10
0
0
0
0
0
1
0Ah Analog,
HPF Ctl
HPFB
HPFRZB
HPFA
HPFRZA
ANLGSFTB
ANLGZCB
ANLGSFTA
ANLGZCA
p49
10
1
0
0
1
0
1
0Bh ADC HPF Cor-
ner Freq.
Reserved
Reserved
Reserved
Reserved
HPFB_CF1
HPFB_CF0
HPFA_CF1
HPFA_CF0
p50
00
0
0
0
0
0
0
0Ch Misc. ADC Ctl
ADCB=A
DIGMIX
DIGSUM1
DIGSUM0
INV_ADCB
INV_ADCA
ADCBMUTE
ADCAMUTE
p50
00
0
0
0
0
0
0
0Dh Playback Ctl 1
HPGAIN2
HPGAIN1
HPGAIN0
PLYBCKB=A
INV_PCMB
INV_PCMA
MSTBMUTE
MSTAMUTE
p51
01
1
0
0
0
0
0
0Eh Misc. Ctl
PASSTHRUB PASSTHRUA PASSBMUTE PASSAMUTE
FREEZE
DEEMPH
DIGSFT
DIGZC
p52
00
0
0
0
0
1
0
0Fh Playback Ctl 2
HPBMUTE
HPAMUTE
SPKBMUTE
SPKAMUTE
SPKB=A
SPKSWAP
SPKMONO
MUTE50/50
p54
00
0
0
0
0
0
10h MICA Amp Ctl
Reserved
MICASEL
MICACFG
MICAGAIN4
MICAGAIN3
MICAGAIN2
MICAGAIN1
MICAGAIN0
p55
00
0
0
0
0
0
0
11h MICB Amp Ctl
Reserved
MICBSEL
MICBCFG
MICBGAIN4
MICBGAIN3
MICBGAIN2
MICBGAIN1
MICBGAIN0
p55
00
0
0
0
0
0
0
12h PGAA Vol, Misc ALCASRDIS
ALCAZCDIS
PGAAVOL5
PGAAVOL4
PGAAVOL3
PGAAVOL2
PGAAVOL1
PGAAVOL0
p55
00
0
0
0
0
0
0
13h PGAB Vol, Misc ALCBSRDIS
ALCBZCDIS
PGABVOL5
PGABVOL4
PGABVOL3
PGABVOL2
PGABVOL1
PGABVOL0
p55
00
0
0
0
0
0
0
14h Passthru A Vol
PASSAVOL7 PASSAVOL6 PASSAVOL5
PASSAVOL4 PASSAVOL3 PASSAVOL2 PASSAVOL1 PASSAVOL0
p57
00
0
0
0
0
0
0
15h Passthru B Vol
PASSBVOL7 PASSBVOL6 PASSBVOL5 PASSBVOL4 PASSBVOL3 PASSBVOL2 PASSBVOL1 PASSBVOL0
p57
00
0
0
0
0
0
0
16h ADCA Vol
ADCAVOL7
ADCAVOL6
ADCAVOL5
ADCAVOL4
ADCAVOL3
ADCAVOL2
ADCAVOL1
ADCAVOL0
p57
00
0
0
0
0
0
0
17h ADCB Vol
ADCBVOL7
ADCBVOL6
ADCBVOL5
ADCBVOL4
ADCBVOL3
ADCBVOL2
ADCBVOL1
ADCBVOL0
p57
00
0
0
0
0
0
0
18h ADCMIXA Vol
AMIXAMUTE AMIXAVOL6
AMIXAVOL5
AMIXAVOL4
AMIXAVOL3 AMIXAVOL2 AMIXAVOL1
AMIXAVOL0
p58
10
0
0
0
0
0
0
19h ADCMIXB Vol
AMIXBMUTE AMIXBVOL6
AMIXBVOL5
AMIXBVOL4
AMIXBVOL3 AMIXBVOL2 AMIXBVOL1
AMIXBVOL0
p58
10
0
0
0
0
0
0
1Ah PCMMIXA Vol
PMIXAMUTE PMIXAVOL6
PMIXAVOL5
PMIXAVOL4
PMIXAVOL3 PMIXAVOL2 PMIXAVOL1
PMIXAVOL0
p58
00
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com