Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5378-IS Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS5378-IS
Description  Low-power Single-channel Decimation Filter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378-IS Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS5378-IS Datasheet HTML 43Page - Cirrus Logic CS5378-IS Datasheet HTML 44Page - Cirrus Logic CS5378-IS Datasheet HTML 45Page - Cirrus Logic CS5378-IS Datasheet HTML 46Page - Cirrus Logic CS5378-IS Datasheet HTML 47Page - Cirrus Logic CS5378-IS Datasheet HTML 48Page - Cirrus Logic CS5378-IS Datasheet HTML 49Page - Cirrus Logic CS5378-IS Datasheet HTML 50Page - Cirrus Logic CS5378-IS Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
CS5378
DS639F2
47
Table 15. SINC + FIR Group Delay
Individual filter stage group delay (no IIR)
Decimation
Ratios
Number of
Coefficients
Group Delay
(Input Rate)
SINC1
8
36
17.5
SINC2
Stage 4
2
7
3.0
Stages 3,4
2,2
6,7
8.5
Stages 2,3,4
2,2,2
5,6,7
19.0
Stages 1,2,3,4
2,2,2,2
5,5,6,7
40.0
SINC3
Stage 7
2
7
3.0
Stage 6
3
13
6.0
Stages 5,7
2,2
6,7
8.5
Stages 4,7
5,2
21,7
25.0
Stages 3,5,7
5,2,2
17,6,7
50.5
Stages 3,4,7
5,5,2
17,21,7
133.0
Stages 2,3,5,7
5,5,2,2
17,17,6,7
260.5
Stages 1,2,3,5,7
5,5,5,2,2
17,17,17,6,7
1310.5
FIR1
Coefficient Set 0
4
48
23.5
Coefficient Set 1
4
48
See Figure
FIR2
Coefficient Set 0
2
126
62.5
Coefficient Set 1
2
126
See Figure
Cumulative linear phase group delay (no IIR)
FIR2
Output
Word
Rate
SINC Output
Group Delay
(SINC Filter
Input Rate)
FIR1 Output
Group Delay
(SINC Filter
Input Rate)
FIR2 Output
Group Delay
(SINC Filter
Input Rate)
FIR2 Output
Group Delay
(FIR2 Output
Word Rate)
4000
41.5
417.5
4417.5
34.5117
2000
85.5
837.5
8837.5
34.5215
1000
169.5
1673.5
17673.5
34.5186
500
337.5
3345.5
35345.5
34.5171
333
553.5
5065.5
53065.5
34.5479
250
721.5
6737.5
70737.5
34.5398
200
885.5
8405.5
88405.5
34.5334
125
1425.5
13457.5
141457.5
34.5355
100
1701.5
16741.5
176741.5
34.5198
50
3401.5
33481.5
353481.5
34.5197
40
4341.5
41941.5
441941.5
34.5267
25
6801.5
66961.5
706961.5
34.5196
20
8421.5
83621.5
883621.5
34.5165
10
16841.5
167241.5
1767241.5
34.5164
5
33681.5
334481.5
3534481.5
34.5164
1
168081.5
1672081.5
17672081.5
34.5158



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com