Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5378-IS Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS5378-IS
Description  Low-power Single-channel Decimation Filter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378-IS Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS5378-IS Datasheet HTML 40Page - Cirrus Logic CS5378-IS Datasheet HTML 41Page - Cirrus Logic CS5378-IS Datasheet HTML 42Page - Cirrus Logic CS5378-IS Datasheet HTML 43Page - Cirrus Logic CS5378-IS Datasheet HTML 44Page - Cirrus Logic CS5378-IS Datasheet HTML 45Page - Cirrus Logic CS5378-IS Datasheet HTML 46Page - Cirrus Logic CS5378-IS Datasheet HTML 47Page - Cirrus Logic CS5378-IS Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 88 page
background image
CS5378
DS639F2
44
13. FIR FILTER
The finite impulse response (FIR) filter block con-
sists of two cascaded stages, FIR1 and FIR2. It
compensates for SINC filter droop and creates a
low-pass corner to block aliased components of the
input signal.
On-chip linear phase or minimum phase coeffi-
cients can be selected using a configuration com-
mand, or the coefficients can be programmed for a
custom filter response.
13.1 FIR1 Filter
The FIR1 filter stage has a decimate by four archi-
tecture. It compensates for SINC filter droop and
flattens the magnitude response of the pass band.
The on-chip linear and minimum phase coefficient
sets are 48-tap, with a maximum 255 programma-
ble coefficients. All coefficients are normalized to
24-bit two’s complement full scale, 0x7FFFFF.
The characteristic equation for FIR1 is a convolu-
tion of the input values, X(n), and the filter coeffi-
cients, h(k), to produce an output value, Y.
Y = [h(k)*X(n-k)] + [h(k+1)*X(n-(k+1))] + ...
13.2 FIR2 Filter
The FIR2 filter stage has a decimate by two archi-
tecture. It creates a low-pass brick wall filter to
block aliased components of the input signal.
The on-chip linear and minimum phase coefficient
sets are 126-tap, with a maximum 255 programma-
ble coefficients. All coefficients are normalized to
24-bit two’s complement full scale, 0x7FFFFF.
The characteristic equation for FIR2 is a convolu-
tion of the input values, X(n), and the filter coeffi-
cients, h(k), to produce an output value, Y.
Y = [h(k)*X(n-k)] + [h(k+1)*X(n-(k+1))] + ...
13.3 On-Chip FIR Coefficients
Two sets of on-chip coefficients, linear phase and
minimum phase, are available for FIR1 and FIR2.
Performance of the on-chip coefficient sets is very
good, with excellent ripple and stop band charac-
teristics as described in Figure 26 and Table 14.
Which on-chip coefficient set to use is selected by
a data word following the ‘Write ROM Coeffi-
cients’ configuration command. See “Filter Coef-
ficient Selection” on page 38 for information about
selecting on-chip coefficient sets.
FIR1 Filter - decimate by 4
FIR2 Filter - decimate by 2
Figure 25. FIR Filter Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com