Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5566 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS5566
Description  짹2.5 V / 5 V, 5 kSps, 24-bit ?誇 ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5566 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS5566 Datasheet HTML 15Page - Cirrus Logic CS5566 Datasheet HTML 16Page - Cirrus Logic CS5566 Datasheet HTML 17Page - Cirrus Logic CS5566 Datasheet HTML 18Page - Cirrus Logic CS5566 Datasheet HTML 19Page - Cirrus Logic CS5566 Datasheet HTML 20Page - Cirrus Logic CS5566 Datasheet HTML 21Page - Cirrus Logic CS5566 Datasheet HTML 22Page - Cirrus Logic CS5566 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
CS5566
DS806PP1
19
3/25/08
The following figure depicts the CS5566 device powered from a single 5V analog supply.
Figure 9. CS5566 Configured Using
a Single 5V Analog Supply
AIN-
AIN+
SMODE
CS
4SCLK
4SDO
RDY
CONV
BP/UP
MCLK
SLEEP
RST
TST
VREF-
VREF+
+4.096
Voltage
Reference
(NOTE 1)
+5 V
BUFEN
1. See Section 3.3 Voltage Reference for information on
required voltage reference performance criteria.
2. Locate capacitors so as to minimize loop length.
3. V1-, V2-, and VLR should be connected to the same
ground plane under the chip.
4. SCLK and SDO may require pull-down resistors in
some applications.
NOTES
0.1 µF
(V-) Buffers Off
(V+) Buffers On
0.1 µF
10 µF
V1+
V2+
V1-
V2-
VL
VLR
DCR
+5 V
+3.3 V to 1.8 V
0.1 µF
0.1 µF
X7R
0.1 µF
10
CS5566
49.9
47pF
4.99k
4700pF
C0G
49.9
47pF
4.99k
4700pF
C0G
+0.452 V
4.548 V
2.5 V
+4.548 V
+0.452 V
2.5 V
2.048 V
4.096 V
50
VLR2
47 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com