Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5566 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS5566
Description  짹2.5 V / 5 V, 5 kSps, 24-bit ?誇 ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5566 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS5566 Datasheet HTML 21Page - Cirrus Logic CS5566 Datasheet HTML 22Page - Cirrus Logic CS5566 Datasheet HTML 23Page - Cirrus Logic CS5566 Datasheet HTML 24Page - Cirrus Logic CS5566 Datasheet HTML 25Page - Cirrus Logic CS5566 Datasheet HTML 26Page - Cirrus Logic CS5566 Datasheet HTML 27Page - Cirrus Logic CS5566 Datasheet HTML 28Page - Cirrus Logic CS5566 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
CS5566
DS806PP1
25
3/25/08
3.12 Power Supplies & Grounding
The CS5566 can be configured to operate with its analog supply operating from 5V, or with its analog sup-
plies operating from ±2.5V. The digital interface supports digital logic operating from either 1.8V, 2.5V, or
3.3V.
Figure 8 on page 18 illustrates the device configured to operate from ±2.5V analog. Figure 9 on page 19
illustrates the device configured to operate from 5V analog. Note that the schematic indicates a 47
µF ca-
pacitor between V1+ and V1-. This capacitor is necessary to reduce the peak current required from the
power supply during conversion. See Power Consumption on page 16 for a more detailed discussion.
To maximize converter performance, the analog ground and the logic ground for the converter should be
connected at the converter. In the dual analog supply configuration, the analog ground for the ±2.5V sup-
plies should be connected to the VLR pin at the converter with the converter placed entirely over the an-
alog ground plane.
In the single analog supply configuration (+5V), the ground for the +5V supply should be directly tied to
the VLR pin of the converter with the converter placed entirely over the analog ground plane. Refer to
Figure 9 on page 19.
3.13 Using the CS5566 in Multiplexing Applications
The actual conversion process inside the CS5566 begins 1182 MCLK cycles after the CONV signal is tak-
en low. This would be over 147 microseconds when MCLK = 8 MHz. If the input channel of an external
multiplexer is changed coincident with CONV going low, the 1182 MCLK delay should be more than an
adequate time for settling. If there is an operational amplifier between the multiplexer and the converter,
one should be certain that the amplifier can settle within the 1182 MCLK delay period. If not, the multiplex-
er will need to be switched some time prior to CONV going low.
3.14 Synchronizing Multiple Converters
Many measurement systems have multiple converters that need to operate synchronously. The convert-
ers should all be driven from the same master clock. In this configuration, the converters will convert syn-
chronously if the same CONV signal is used to drive all the converters, and CONV falls on a falling edge
of MCLK. If CONV is held low continuously, reset (RST) can be used to synchronize multiple converters
if RST is released on a falling edge of MCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com