Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5581 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5581
Description  짹2.5 V / 5 V, 200 kSps, 16-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5581 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5581 Datasheet HTML 1Page - Cirrus Logic CS5581 Datasheet HTML 2Page - Cirrus Logic CS5581 Datasheet HTML 3Page - Cirrus Logic CS5581 Datasheet HTML 4Page - Cirrus Logic CS5581 Datasheet HTML 5Page - Cirrus Logic CS5581 Datasheet HTML 6Page - Cirrus Logic CS5581 Datasheet HTML 7Page - Cirrus Logic CS5581 Datasheet HTML 8Page - Cirrus Logic CS5581 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
CS5581
DS796PP1
5
3/25/08
14:34
ANALOG CHARACTERISTICS (CONTINUED) T
A = -40 to +85 °C; V1+ = V2+ = +2.5 V, ±5%; V1- =
V2- = -2.5 V, ±5%; VL -VLR = 3.3 V, ±5%; VREF = (VREF+) - (VREF-) = 4.096V; MCLK = 16 MHz; SMODE = VL,
unless otherwise stated; BUFEN = V1+ unless otherwise stated. Connected per Figure 6.
5.
Measured using an input signal of 1 V DC.
6.
For optimum performance, VREF+ should always be less than (V+) - 0.2 volts to prevent saturation of the VREF+ input buffer.
7.
Tested with 100 mVP-P on any supply up to 1 kHz. V1+ and V2+ supplies at the same voltage potential, V1- and V2- supplies at
the same voltage potential.
Parameter
Min
Typ
Max
Unit
Analog Input
Analog Input Range
Unipolar
Bipolar
0 to +VREF / 2
±VREF / 2
V
V
Input Capacitance
-
10
-
pF
CVF Current
(Note 5)
AIN Buffer On (BUFEN = V+)
AIN Buffer Off (BUFEN = V-)
ACOM
-
-
-
600
130
130
-
-
-
nA
µA
µA
Voltage Reference Input
Voltage Reference Input Range
(VREF+) – (VREF-)
(Note 6)
2.4
4.096
4.2
V
Input Capacitance
-
10
-
pF
CVF Current
VREF+ Buffer On (BUFEN = V+)
VREF+ Buffer Off (BUFEN = V-)
VREF-
-
-
-
3
1
1
-
-
-
µA
mA
mA
Power Supplies
DC Power Supply Currents
IV1
IV2
IVL
-
-
-
-
-
-
18
1.8
0.6
mA
mA
mA
Power Consumption
Normal Operation Buffers On
Buffers Off
-
-
85
60
101
80
mW
mW
Power Supply Rejection
(Note 7)
V1+ , V2+ Supplies
V1-, V2- Supplies
-
-
80
80
-
-
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com