Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5581 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5581
Description  짹2.5 V / 5 V, 200 kSps, 16-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5581 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5581 Datasheet HTML 18Page - Cirrus Logic CS5581 Datasheet HTML 19Page - Cirrus Logic CS5581 Datasheet HTML 20Page - Cirrus Logic CS5581 Datasheet HTML 21Page - Cirrus Logic CS5581 Datasheet HTML 22Page - Cirrus Logic CS5581 Datasheet HTML 23Page - Cirrus Logic CS5581 Datasheet HTML 24Page - Cirrus Logic CS5581 Datasheet HTML 25Page - Cirrus Logic CS5581 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
CS5581
22
DS796PP1
3/25/08
14:34
Figure 16 illustrates the noise floor of the converter from 0.1 Hz to 100 kHz. While the plot does exhibit
some 1/f noise at lower frequencies, the noise floor is entirely free of spurious frequency content due to
digital activity inside the chip.
Figure 17 illustrates a noise histogram of 4096 samples.
-160
-140
-120
-100
-80
-60
-40
-20
0
0.1
1
10
100
1k
10k
100k
Frequency (Hz)
Shorted Input
2M Samples @ 200 kSps
16 Averages
Figure 16. Spectral Plot of Noise with Shorted Input
0
100
200
300
400
500
600
700
800
900
-8
-7
-6
-5
-4
-3
-2
-1
012
34
5678
Mean = -0.61
Std. Dev = 2.33
Output (Codes)
Figure 17. Noise Histogram (4096 Conversions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com