Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47048 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS47048
Description  Audio SOC Processor Family
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47048 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS47048 Datasheet HTML 3Page - Cirrus Logic CS47048 Datasheet HTML 4Page - Cirrus Logic CS47048 Datasheet HTML 5Page - Cirrus Logic CS47048 Datasheet HTML 6Page - Cirrus Logic CS47048 Datasheet HTML 7Page - Cirrus Logic CS47048 Datasheet HTML 8Page - Cirrus Logic CS47048 Datasheet HTML 9Page - Cirrus Logic CS47048 Datasheet HTML 10Page - Cirrus Logic CS47048 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
CS47048 Data Sheet
Audio SOC Processor Family
DS787A7
Copyright 2008 Cirrus Logic
7
3. Code Overlays
The suite of software available for the CS47048 family consists of an operating system (OS) and a
library of overlays. The overlays for the CS47048 are currently limited to post-processors. All
software components are defined below:
1. OS/Kernel - Encompasses all non-audio processing tasks, including loading data from external
serial memory, processing host messages, calling audio-processing subroutines, error
concealment, etc.
2. Post-processors - Any module that processes audio I/O buffer PCM data. Examples are bass
management, audio manager, tone control, EQ, delay, customer-specific effects, and any post-
processing algorithms available for the CS485xx.
The bulk of standard overlays are stored in ROM within the CS47048, but a small image is required
to configure the overlays and boot the DSP. This small image can either be stored in an external
serial FLASH/EEPROM, or downloaded via a host controller through the SPI™/I2C® serial port.
The overlay structure reduces the time required to reconfigure the DSP when a processing change
is requested. Each overlay can be reloaded independently without disturbing the other overlays.
For example, when a different post-processor is selected, the OS, does not need to be reloaded —
only the new post-processor.
Table 2 lists the different configuration options available. Please refer to the CS47048 Firmware
User’s Manual for the latest listing of application codes and Cirrus Framework™ modules available.
Table 2. Device Selection Guide
Device
Suggested
Application
Channel Count
Input/Output
Package
CS47048-CQZ
CS47048-DQZ
Automotive Head Units
Automotive Outboard Amplifiers
Automotive Processors
Automotive Integration Hubs
Digital TV
MP3 Docking Stations
AVR
DVD Rx
DSP Controlled Speakers
Up to 12 Channels Analog In (4 simultaneously)
Up to 10 Channels PCM In (Stand-Alone)
Up to 8 Channels PCM In (w/ Host)
Up to 40 Channels TDM In
Up to 8 Channels Analog Out
Up to 8 Channels PCM Out
Up to 32 Channels TDM Out
100-pin
QFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com