Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47048 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS47048
Description  Audio SOC Processor Family
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47048 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS47048 Datasheet HTML 7Page - Cirrus Logic CS47048 Datasheet HTML 8Page - Cirrus Logic CS47048 Datasheet HTML 9Page - Cirrus Logic CS47048 Datasheet HTML 10Page - Cirrus Logic CS47048 Datasheet HTML 11Page - Cirrus Logic CS47048 Datasheet HTML 12Page - Cirrus Logic CS47048 Datasheet HTML 13Page - Cirrus Logic CS47048 Datasheet HTML 14Page - Cirrus Logic CS47048 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
CS47048 Data Sheet
Audio SOC Processor Family
DS787A7
Copyright 2008 Cirrus Logic
11
The second 8-Channel SRC is a stand-alone digital-to-digital conversion module. It can be used to
make independent input clock domains synchronous (different Fs on PCM input and S/PDIF Rx) or
to drive the S/PDIF Tx at a different Fs than the PCM output of the DSP.
4.3.8 Serial Control Port (I2C® or SPI)
The on-chip serial control port is capable of operating as master or slave in either SPIor I2C®
modes. Master/Slave operation is chosen by mode select pins when the CS47048 comes out of
reset. The serial clock pin can support frequencies as high as 25 MHz in SPI mode (SPI clock
speed must always be
≤ (DSP Core Frequency/2)). The CS47048 serial control port also includes
a pin for flow control of the communications interface (SCP_BSY) and a pin to indicate when the
DSP has a message for the host (SCP_IRQ).
4.3.9 GPIO
Many of the CS47048 peripheral pins are multiplexed with GPIO. Each GPIO can be configured as
an output, an input, or an input with interrupt. Each input-pin interrupt can be configured as rising
edge, falling edge, active-low, or active-high.
4.3.10 PLL-based Clock Generator
The low-jitter PLL generates integer or fractional multiples of a reference frequency which are used
to clock the DSP core and peripherals. Through a second PLL divider chain, a dependent clock
domain can be output on the DAO port for driving audio converters. The CS47048 defaults to
running from the external reference frequency and is switched to use the PLL output after overlays
have been loaded and configured, either through master boot from an external FLASH or through
host control. A built-in crystal oscillator circuit with a buffered output is provided. The buffered
output frequency ratio is selectable between 1:1 (default) or 2:1.
4.3.11 Hardware Watchdog Timer
The CS47048 has an integrated watchdog timer that acts as a “health” monitor for the DSP. The
watchdog timer must be reset by the DSP before the counter expires, or the entire chip is reset.
This peripheral ensures that the CS47048 will reset itself in the event of a temporary system failure.
In stand-alone mode (i.e. no host MCU), the DSP will reboot from external FLASH. In slave mode
(i.e. host MCU present) a GPIO will be used to signal the host that the watchdog has expired and
the DSP should be rebooted and re-configured.
4.4 DSP I/O Description
4.4.1 Multiplexed Pins
Many of the CS47048 pins are multi-functional. For details on pin functionality please refer to the
CS47048 System Designer’s Guide.
4.4.2 Termination Requirements
Open-drain pins on the CS47048 must be pulled high for proper operation. Please refer to the
CS47048 System Designer’s Guide to identify which pins are open-drain and what value of pull-up
resistor is required for proper operation.
Mode select pins on the CS47048 are used to select the boot mode upon the rising edge from
reset. A detailed explanation of termination requirements for each communication mode select pin
can be found in the CS47048 System Designer’s Guide.
4.4.3 Pads
The CS47048 Digital I/Os operate from the 3.3 V supply and are 5 V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com