Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28BV64B Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT28BV64B
Description  64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28BV64B Datasheet(HTML) 1 Page - ATMEL Corporation

  AT28BV64B Datasheet HTML 1Page - ATMEL Corporation AT28BV64B Datasheet HTML 2Page - ATMEL Corporation AT28BV64B Datasheet HTML 3Page - ATMEL Corporation AT28BV64B Datasheet HTML 4Page - ATMEL Corporation AT28BV64B Datasheet HTML 5Page - ATMEL Corporation AT28BV64B Datasheet HTML 6Page - ATMEL Corporation AT28BV64B Datasheet HTML 7Page - ATMEL Corporation AT28BV64B Datasheet HTML 8Page - ATMEL Corporation AT28BV64B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Features
• Single 2.7V to 3.6V Supply
• Hardware and Software Data Protection
• Low Power Dissipation
– 15 mA Active Current
–20 µA CMOS Standby Current
• Fast Read Access Time – 200 ns
• Automatic Page Write Operation
– Internal Address and Data Latches for 64 Bytes
– Internal Control Timer
• Fast Write Cycle Times
– Page Write Cycle Time: 10 ms Maximum
– 1 to 64 Byte Page Write Operation
• DATA Polling for End of Write Detection
• High-reliability CMOS Technology
– Endurance: 100,000 Cycles
– Data Retention: 10 Years
• JEDEC Approved Byte-wide Pinout
• Industrial Temperature Ranges
• Green (Pb/Halide-free) Packaging Option
1.
Description
The AT28BV64B is a high-performance electrically erasable programmable read only-
memory (EEPROM). Its 64K of memory is organized as 8,192 words by 8 bits. Manu-
factured with Atmel’s advanced nonvolatile CMOS technology, the device offers
access times to 200 ns with power dissipation of just 54 mW. When the device is
deselected, the CMOS standby current is less than 20 µA.
The AT28BV64B is accessed like a static RAM for the read or write cycle without the
need for external components. The device contains a 64 byte page register to allow
writing of up to 64 bytes simultaneously. During a write cycle, the addresses and 1 to
64 bytes of data are internally latched, freeing the address and data bus for other
operations. Following the initiation of a write cycle, the device will automatically write
the latched data using an internal control timer. The end of a write cycle can be
detected by DATA polling of I/O7. Once the end of a write cycle has been detected a
new access for a read or write can begin.
Atmel’s AT28BV64B has additional features to ensure high quality and manufactura-
bility. A software data protection mechanism guards against inadvertent writes. The
device also includes an extra 64 bytes of EEPROM for device identification or
tracking.
64K (8K x 8)
Battery-Voltage
Parallel
EEPROM
with Page Write
and Software
Data Protection
AT28BV64B
0299H–PEEPR–10/06


Similar Part No. - AT28BV64B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV64B ATMEL-AT28BV64B Datasheet
254Kb / 12P
64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B-20JC ATMEL-AT28BV64B-20JC Datasheet
254Kb / 12P
64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B-20JI ATMEL-AT28BV64B-20JI Datasheet
254Kb / 12P
64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B-20JU ATMEL-AT28BV64B-20JU Datasheet
451Kb / 16P
64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B-20PC ATMEL-AT28BV64B-20PC Datasheet
254Kb / 12P
64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
More results

Similar Description - AT28BV64B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C64B ATMEL-AT28C64B Datasheet
660Kb / 12P
64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B Datasheet
254Kb / 12P
64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
317Kb / 13P
64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_06 Datasheet
297Kb / 18P
64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_08 Datasheet
341Kb / 18P
64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64BF ATMEL-AT28HC64BF Datasheet
301Kb / 18P
64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_09 Datasheet
313Kb / 18P
64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_09 Datasheet
394Kb / 17P
64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_09 Datasheet
451Kb / 16P
64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-90PU ATMEL-AT28HC64B-90PU Datasheet
342Kb / 18P
64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com