Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28BV64B Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT28BV64B
Description  64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28BV64B Datasheet(HTML) 3 Page - ATMEL Corporation

  AT28BV64B Datasheet HTML 1Page - ATMEL Corporation AT28BV64B Datasheet HTML 2Page - ATMEL Corporation AT28BV64B Datasheet HTML 3Page - ATMEL Corporation AT28BV64B Datasheet HTML 4Page - ATMEL Corporation AT28BV64B Datasheet HTML 5Page - ATMEL Corporation AT28BV64B Datasheet HTML 6Page - ATMEL Corporation AT28BV64B Datasheet HTML 7Page - ATMEL Corporation AT28BV64B Datasheet HTML 8Page - ATMEL Corporation AT28BV64B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
0299H–PEEPR–10/06
AT28BV64B
3.
Block Diagram
4.
Device Operation
4.1
Read
The AT28BV64B is accessed like a static RAM. When CE and OE are low and WE is high, the
data stored at the memory location determined by the address pins is asserted on the outputs.
The outputs are put in the high impedance state when either CE or OE is high. This dual-line
control gives designers flexibility in preventing bus contention in their systems.
4.2
Byte Write
A low pulse on the WE or CE input with CE or WE low (respectively) and OE high initiates a
write cycle. The address is latched on the falling edge of CE or WE, whichever occurs last.
The data is latched by the first rising edge of CE or WE. Once a byte write has been started, it
will automatically time itself to completion. Once a programming operation has been initiated
and for the duration of t
WC, a read operation will effectively be a polling operation.
4.3
Page Write
The page write operation of the AT28BV64B allows 1 to 64 bytes of data to be written into the
device during a single internal programming period. A page write operation is initiated in the
same manner as a byte write; the first byte written can then be followed by 1 to 63 additional
bytes. Each successive byte must be written within 100 µs (t
BLC) of the previous byte. If the
t
BLC limit is exceeded, the AT28BV64B will cease accepting data and commence the internal
programming operation. All bytes during a page write operation must reside on the same page
as defined by the state of the A6 to A12 inputs. For each WE high to low transition during the
page write operation, A6 to A12 must be the same.
The A0 to A5 inputs specify which bytes within the page are to be written. The bytes may be
loaded in any order and may be altered within the same load period. Only bytes which are
specified for writing will be written; unnecessary cycling of other bytes within the page does
not occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com