Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27BV010 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT27BV010
Description  1-Megabit (128K x 8) Unregulated Battery-Voltage OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27BV010 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT27BV010 Datasheet HTML 1Page - ATMEL Corporation AT27BV010 Datasheet HTML 2Page - ATMEL Corporation AT27BV010 Datasheet HTML 3Page - ATMEL Corporation AT27BV010 Datasheet HTML 4Page - ATMEL Corporation AT27BV010 Datasheet HTML 5Page - ATMEL Corporation AT27BV010 Datasheet HTML 6Page - ATMEL Corporation AT27BV010 Datasheet HTML 7Page - ATMEL Corporation AT27BV010 Datasheet HTML 8Page - ATMEL Corporation AT27BV010 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Features
• Fast Read Access Time – 90 ns
• Dual Voltage Range Operation
– Unregulated Battery Power Supply Range, 2.7V to 3.6V
or Standard 5V
± 10% Supply Range
• Compatible with JEDEC Standard AT27C010
• Low Power CMOS Operation
– 20 µA Max (Less than 1 µA Typical) Standby for V
CC = 3.6V
– 29 mW Max Active at 5 MHz for VCC = 3.6V
• JEDEC Standard Packages
– 32-lead PLCC
– 32-lead TSOP
– 32-lead VSOP
• High Reliability CMOS Technology
– 2,000V ESD Protection
– 200 mA Latchup Immunity
• Rapid Programming Algorithm – 100 µs/Byte (Typical)
• CMOS and TTL Compatible Inputs and Outputs
– JEDEC Standard for LVTTL and LVBO
• Integrated Product Identification Code
• Industrial Temperature Range
• Green (Pb/Halide-free) Packaging Option
1.
Description
The AT27BV010 is a high-performance, low-power, low-voltage 1,048,576-bit one-
time programmable read-only memory (OTP EPROM) organized as 128K by 8 bits. It
requires only one supply in the range of 2.7V to 3.6V in normal read mode operation,
making it ideal for fast, portable systems using either regulated or unregulated battery
power.
Atmel’s innovative design techniques provide fast speeds that rival 5V parts while
keeping the low power consumption of a 3V supply. At V
CC = 2.7V, any byte can be
accessed in less than 90 ns. With a typical power draw of only 18 mW at 5 MHz and
V
CC = 3V, the AT27BV010 consumes less than one fifth the power of a standard 5V
EPROM. Standby mode supply current is typically less than 1 µA at 3V. The
AT27BV010 simplifies system design and stretches battery lifetime even further by
eliminating the need for power supply regulation.
The AT27BV010 is available in industry-standard JEDEC-approved one-time
programmable (OTP) plastic PLCC, TSOP, and VSOP packages. All devices feature
two-line control (CE, OE) to give designers the flexibility to prevent bus contention.
The AT27BV010 operating with V
CC at 3.0V produces TTL level outputs that are com-
patible with standard TTL logic devices operating at V
CC = 5.0V. At VCC = 2.7V, the
part is compatible with JEDEC approved low voltage battery operation (LVBO) inter-
face specifications. The device is also capable of standard 5-volt operation making it
ideally suited for dual supply range systems or card products that are pluggable in
both 3-volt and 5-volt hosts.
1-Megabit
(128K x 8)
Unregulated
Battery-Voltage
OTP EPROM
AT27BV010
0344H–EPROM–12/07


Similar Part No. - AT27BV010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV010 ATMEL-AT27BV010 Datasheet
209Kb / 9P
1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
AT27BV010-12JC ATMEL-AT27BV010-12JC Datasheet
209Kb / 9P
1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
AT27BV010-12JI ATMEL-AT27BV010-12JI Datasheet
209Kb / 9P
1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
AT27BV010-12TC ATMEL-AT27BV010-12TC Datasheet
209Kb / 9P
1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
AT27BV010-12TI ATMEL-AT27BV010-12TI Datasheet
209Kb / 9P
1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
More results

Similar Description - AT27BV010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV010 ATMEL-AT27BV010 Datasheet
209Kb / 9P
1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
AT27BV020 ATMEL-AT27BV020 Datasheet
215Kb / 10P
2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
1 Megabit 128K x 8 OTP CMOS EPROM
AT27LV010A ATMEL-AT27LV010A Datasheet
207Kb / 9P
1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
1 Megabit (128K x 8-Bit) - OTP EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
1-Megabit (128K x 8) OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
1-Megabit (128K x 8) Low Voltage OTP EPROM
AT27BV1024 ATMEL-AT27BV1024_07 Datasheet
367Kb / 14P
1-Megabit (64K x 16) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV020 ATMEL-AT27BV020_07 Datasheet
385Kb / 15P
2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com