Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27BV010 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT27BV010
Description  1-Megabit (128K x 8) Unregulated Battery-Voltage OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27BV010 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT27BV010 Datasheet HTML 1Page - ATMEL Corporation AT27BV010 Datasheet HTML 2Page - ATMEL Corporation AT27BV010 Datasheet HTML 3Page - ATMEL Corporation AT27BV010 Datasheet HTML 4Page - ATMEL Corporation AT27BV010 Datasheet HTML 5Page - ATMEL Corporation AT27BV010 Datasheet HTML 6Page - ATMEL Corporation AT27BV010 Datasheet HTML 7Page - ATMEL Corporation AT27BV010 Datasheet HTML 8Page - ATMEL Corporation AT27BV010 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
0344H–EPROM–12/07
AT27BV010
Notes:
1. V
CC must be applied simultaneously with or before VPP, and removed simultaneously with or after VPP.
2. VPP may be connected directly to VCC, except during programming. The supply current would then be the sum of ICC and IPP.
8.
DC and Operating Characteristics for Read Operation
Symbol
Parameter
Condition
Min
Max
Units
V
CC = 2.7V to 3.6V
I
LI
Input Load Current
V
IN = 0V to VCC
±1µA
ILO
Output Leakage Current
VOUT = 0V to VCC
±5µA
I
PP1
(2)
V
PP
(1) Read/Standby Current
V
PP = VCC
10
µA
I
SB
V
CC
(1) Standby Current
ISB1 (CMOS), CE = VCC ± 0.3V
20
µA
ISB2 (TTL), CE = 2.0 to VCC + 0.5V
100
µA
ICC
VCC Active Current
f = 5 MHz, I
OUT = 0 mA, CE = VIL,
VCC = 3.6V
8mA
VIL
Input Low Voltage
VCC = 3.0 to 3.6V
-0.6
0.8
V
V
CC = 2.7 to 3.6V
-0.6
0.2 x V
CC
V
V
IH
Input High Voltage
VCC = 3.0 to 3.6V
2.0
VCC + 0.5
V
VCC = 2.7 to 3.6V
0.7 x VCC
VCC + 0.5
V
VOL
Output Low Voltage
I
OL = 2.0 mA
0.4
V
IOL = 100 µA
0.2
V
IOL = 20 µA
0.1
V
VOH
Output High Voltage
I
OH = -2.0 mA
2.4
V
IOH = -100 µA
VCC - 0.2
V
I
OH = -20 µA
V
CC - 0.1
V
V
CC = 4.5V to 5.5V
ILI
Input Load Current
VIN = 0V to VCC
±1µA
I
LO
Output Leakage Current
V
OUT = 0V to VCC
±5µA
I
PP1
(2)
V
PP
(1) Read/Standby Current
V
PP = VCC
10
µA
I
SB
V
CC
(1) Standby Current
ISB1 (CMOS), CE = VCC ± 0.3V
100
µA
I
SB2 (TTL), CE = 2.0 to VCC + 0.5V
1
mA
I
CC
V
CC Active Current
f = 5 MHz, I
OUT = 0 mA, CE = VIL
25
mA
VIL
Input Low Voltage
-0.6
0.8
V
V
IH
Input High Voltage
2.0
V
CC + 0.5
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.4
V
VOH
Output High Voltage
IOH = -400 µA
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com