Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3254A Datasheet(PDF) 89 Page - STMicroelectronics

Part # UPSD3254A
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3254A Datasheet(HTML) 89 Page - STMicroelectronics

Back Button UPSD3254A Datasheet HTML 85Page - STMicroelectronics UPSD3254A Datasheet HTML 86Page - STMicroelectronics UPSD3254A Datasheet HTML 87Page - STMicroelectronics UPSD3254A Datasheet HTML 88Page - STMicroelectronics UPSD3254A Datasheet HTML 89Page - STMicroelectronics UPSD3254A Datasheet HTML 90Page - STMicroelectronics UPSD3254A Datasheet HTML 91Page - STMicroelectronics UPSD3254A Datasheet HTML 92Page - STMicroelectronics UPSD3254A Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 175 page
background image
89/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
USB HARDWARE
The characteristics of USB hardware are as fol-
lows:
s
Complies with the Universal Serial Bus
specification Rev. 1.1
s
Integrated SIE (Serial Interface Engine), FIFO
memory and transceiver
s
Low speed (1.5Mbit/s) device capability
s
Supports control endpoint0 and interrupt
endpoint1 and 2
s
USB clock input must be 6MHz (requires MCU
clock frequency to be 12, 24, or 36MHz).
The analog front-end is an on-chip generic USB
transceiver. It is designed to allow voltage levels
equal to VDD from the standard logic to interface
with the physical layer of the Universal Serial Bus.
It is capable of receiving and transmitting serial
data at low speed (1.5Mb/s).
The SIE is the digital-front-end of the USB block.
This module recovers the 1.5MHz clock, detects
the USB sync word and handles all low-level USB
protocols and error checking. The bit-clock recov-
ery circuit recovers the clock from the incoming
USB data stream and is able to track jitter and fre-
quency drift according to the USB specification.
The SIE also translates the electrical USB signals
into bytes or signals. Depending upon the device
USB address and the USB endpoint.
Address, the USB data is directed to the correct
endpoint on SIE interface. The data transfer of this
H/W could be of type control or interrupt.
The device’s USB address and the enabling of the
endpoints are programmable in the SIE configura-
tion header.
USB related registers
The USB block is controlled via seven registers in
the memory: (UADR, UCON0, UCON1, UCON2,
UISTA, UIEN, and USTA).
Three memory locations on chip which communi-
cate the USB block are:
s
USB endpoint0 data transmit register (UDT0)
s
USB endpoint0 data receive register (UDR0)
s
USB endpoint1 data transmit register (UDT1)
Table 63. USB Address Register (UADR: 0EEh)
Table 64. Description of the UADR Bits
76
543210
USBEN
UADD6
UADD5
UADD4
UADD3
UADD2
UADD1
UADD0
Bit
Symbol
R/W
Function
7
USBEN
R/W
USB Function Enable Bit.
When USBEN is clear, the USB module will not respond to any tokens
from host.
RESET clears this bit.
6 to 0
UADD6 to
UADD0
R/W
Specify the USB address of the device.
RESET clears these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com