Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3254A Datasheet(PDF) 18 Page - STMicroelectronics

Part # UPSD3254A
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3254A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UPSD3254A Datasheet HTML 14Page - STMicroelectronics UPSD3254A Datasheet HTML 15Page - STMicroelectronics UPSD3254A Datasheet HTML 16Page - STMicroelectronics UPSD3254A Datasheet HTML 17Page - STMicroelectronics UPSD3254A Datasheet HTML 18Page - STMicroelectronics UPSD3254A Datasheet HTML 19Page - STMicroelectronics UPSD3254A Datasheet HTML 20Page - STMicroelectronics UPSD3254A Datasheet HTML 21Page - STMicroelectronics UPSD3254A Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
18/175
ARCHITECTURE OVERVIEW
Memory Organization
The uPSD325X devices’ standard 8032 Core has
separate 64KB address spaces for Program mem-
ory and Data Memory. Program memory is where
the 8032 executes instructions from. Data memory
is used to hold data variables. Flash memory can
be mapped in either program or data space. The
Flash memory consists of two flash memory
blocks: the main Flash (1 or 2Mbit) and the Sec-
ondary Flash (256Kbit). Except during flash mem-
ory programming or update, Flash memory can
only be read, not written to. A Page Register is
used to access memory beyond the 64K bytes ad-
dress space. Refer to the PSD Module for details
on mapping of the Flash memory.
The 8032 core has two types of data memory (in-
ternal and external) that can be read and written.
The internal SRAM consists of 256 bytes, and in-
cludes the stack area.
The SFR (Special Function Registers) occupies
the upper 128 bytes of the internal SRAM, the reg-
isters can be accessed by Direct addressing only.
There are two separate blocks of external SRAM
inside the uPSD325X devices: one 256 bytes
block is assigned for DDC data storage. Another
32K bytes resides in the PSD Module that can be
mapped to any address space defined by the user.
Figure 5. Memory Map and Address Space
Registers
The 8032 has several registers; these are the Pro-
gram Counter (PC), Accumulator (A), B Register
(B), the Stack Pointer (SP), the Program Status
Word (PSW), General purpose registers (R0 to
R7), and DPTR (Data Pointer register).
Figure 6. 8032 MCU Registers
AI06635
SECONDARY
FLASH
FLASH
MAIN
32KB
128KB
OR
256KB
FF
7F
0
FFFF
(DDC)
8KB
256B
INT. RAM
EXT. RAM
EXT. RAM
Addressing
Indirect
Indirect
Direct
or
Addressing
Addressing
Direct
SFR
Internal RAM Space
(256 Bytes)
FF00
External RAM Space
(MOVX)
Flash Memory Space
AI06636
Accumulator
B Register
Stack Pointer
Program Counter
Program Status Word
General Purpose
Register (Bank0-3)
Data Pointer Register
PCH
DPTR(DPH)
A
B
SP
PCL
PSW
R0-R7
DPTR(DPL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com