Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP2052 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT89LP2052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP2052 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT89LP2052 Datasheet HTML 9Page - ATMEL Corporation AT89LP2052 Datasheet HTML 10Page - ATMEL Corporation AT89LP2052 Datasheet HTML 11Page - ATMEL Corporation AT89LP2052 Datasheet HTML 12Page - ATMEL Corporation AT89LP2052 Datasheet HTML 13Page - ATMEL Corporation AT89LP2052 Datasheet HTML 14Page - ATMEL Corporation AT89LP2052 Datasheet HTML 15Page - ATMEL Corporation AT89LP2052 Datasheet HTML 16Page - ATMEL Corporation AT89LP2052 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
13
3547I–MICRO–6/08
AT89LP2052/LP4052
12. Reset
During reset, all I/O Registers are set to their initial values, the port pins are tri-stated, and the
program starts execution from the Reset Vector, 0000H. The AT89LP2052/LP4052 has four
sources of reset: power-on reset, brown-out reset, external reset, and watchdog reset.
12.1
Power-on Reset
A Power-on Reset (POR) is generated by an on-chip detection circuit. The detection level is
nominally 1.4V. The POR is activated whenever V
CC is below the detection level. The POR cir-
cuit can be used to trigger the start-up reset or to detect a supply voltage failure in devices
without a brown-out detector. The POR circuit ensures that the device is reset from power-on.
When V
CC reaches the Power-on Reset threshold voltage, the POR delay counter determines
how long the device is kept in POR after V
CC rise. The POR signal is activated again, without
any delay, when V
CC falls below the POR threshold level. A Power-on Reset (i.e. a cold reset)
will set the POF flag in PCON.
12.2
Brown-out Reset
The AT89LP2052/LP4052 has an on-chip Brown-out Detection (BOD) circuit for monitoring the
V
CC level during operation by comparing it to a fixed trigger level. The trigger level for the BOD is
nominally 2.2V. The purpose of the BOD is to ensure that if V
CC fails or dips while executing at
speed, the system will gracefully enter reset without the possibility of errors induced by incorrect
execution. When V
CC decreases to a value below the trigger level, the Brown-out Reset is imme-
diately activated. When V
CC increases above the trigger level, the BOD delay counter starts the
MCU after the time-out period has expired.
12.3
External Reset
The RST pin functions as an active-high reset input. The pin must be held high for at least two
clock cycles to trigger the internal reset. RST also serves as the In-System Programming (ISP)
enable. ISP is enabled when the external reset pin is held high and the ISP Enable fuse is
enabled.
12.4
Watchdog Reset
When the Watchdog times out, it will generate an internal reset pulse lasting 16 clock cycles.
Watchdog reset will also set the WDTOVF flag in WDTCON. To prevent a Watchdog reset, the
watchdog reset sequence 1EH/E1H must be written to WDTRST before the Watchdog times
out. A Watchdog reset will occur only if the Watchdog has been enabled. The Watchdog is dis-
abled by default after any reset and must always be re-enabled if needed.
13. Power Saving Modes
The AT89LP2052/LP4052 supports two different power-reducing modes: Idle and Power-down.
These modes are accessed through the PCON register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com