Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP2052 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89LP2052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP2052 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89LP2052 Datasheet HTML 17Page - ATMEL Corporation AT89LP2052 Datasheet HTML 18Page - ATMEL Corporation AT89LP2052 Datasheet HTML 19Page - ATMEL Corporation AT89LP2052 Datasheet HTML 20Page - ATMEL Corporation AT89LP2052 Datasheet HTML 21Page - ATMEL Corporation AT89LP2052 Datasheet HTML 22Page - ATMEL Corporation AT89LP2052 Datasheet HTML 23Page - ATMEL Corporation AT89LP2052 Datasheet HTML 24Page - ATMEL Corporation AT89LP2052 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 93 page
background image
21
3547I–MICRO–6/08
AT89LP2052/LP4052
15.3
Open-drain Output
The open-drain output configuration turns off all pull-ups and only drives the pull-down transistor
of the port pin when the port register contains a logic “0”. To be used as a logic output, a port
configured in this manner must have an external pull-up, typically a resistor tied to V
CC. The pull-
down for this mode is the same as for the quasi-bidirectional mode. The open-drain port configu-
ration is shown in Figure 15-4. The input circuitry of P3.2 and P3.3 is not disabled during Power-
down (see Figure 15-3).
Figure 15-4. Open-Drain Output
15.4
Push-pull Output
The push-pull output configuration has the same pull-down structure as both the open-drain and
the quasi-bidirectional output modes, but provides a continuous strong pull-up when the port
register contains a logic “1”. The push-pull mode may be used when more source current is
needed from a port output. The push-pull port configuration is shown in Figure 15-5. The input
circuitry of P3.2 and P3.3 is not disabled during Power-down (see Figure 15-3).
Figure 15-5. Push-pull Output
15.5
Port 1 Analog Functions
The AT89LP2052/LP4052 incorporates an analog comparator. In order to give the best analog
performance and minimize power consumption, pins that are being used for analog functions
must have both the digital outputs and digital inputs disabled. Digital outputs are disabled by put-
ting the port pins into the input-only mode as described in Section 15. “I/O Ports” on page 19.
Digital inputs on P1.0 and P1.1 are disabled whenever the Analog Comparator is enabled by
setting the CEN bit in ACSR. CEN forces the PWD input on P1.0 and P1.1 low, thereby disabling
the Schmitt trigger circuitry.
Port
Pin
From Port
Register
Input
Data
PWD
Port
Pin
VCC
From Port
Register
Input
Data
PWD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com