Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT26DF161 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT26DF161
Description  16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF161 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT26DF161_08 Datasheet HTML 1Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 2Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 3Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 4Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 5Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 6Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 7Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 8Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Features
• Single 2.7V - 3.6V Supply
• Serial Peripheral Interface (SPI) Compatible
– Supports SPI Modes 0 and 3
• 66 MHz Maximum Clock Frequency
• Flexible, Uniform Erase Architecture
– 4-Kbyte Blocks
– 32-Kbyte Blocks
– 64-Kbyte Blocks
– Full Chip Erase
• Individual Sector Protection with Global Protect/Unprotect Feature
– Sixteen 128-Kbyte Physical Sectors
• Hardware Controlled Locking of Protected Sectors
• Flexible Programming
– Byte/Page Program (1 to 256 Bytes)
• Automatic Checking and Reporting of Erase/Program Failures
• JEDEC Standard Manufacturer and Device ID Read Methodology
• Low Power Dissipation
– 7 mA Active Read Current (Typical)
– 4 µA Deep Power-Down Current (Typical)
• Endurance: 100,000 Program/Erase Cycles
• Data Retention: 20 Years
• Complies with Full Industrial Temperature Range
• Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
– 8-lead SOIC (200-mil wide)
1.
Description
The AT26DF161 is a serial interface Flash memory device designed for use in a wide
variety of high-volume consumer based applications in which program code is shad-
owed from Flash memory into embedded or external RAM for execution. The flexible
erase architecture of the AT26DF161, with its erase granularity as small as 4-Kbytes,
makes it ideal for data storage as well, eliminating the need for additional data storage
EEPROM devices.
The physical sectoring and the erase block sizes of the AT26DF161 have been opti-
mized to meet the needs of today's code and data storage applications. By optimizing
the size of the physical sectors and erase blocks, the memory space can be used
much more efficiently. Because certain code modules and data storage segments
must reside by themselves in their own protected sectors, the wasted and unused
memory space that occurs with large sectored and large block erase Flash memory
devices can be greatly reduced. This increased memory space efficiency allows addi-
tional code routines and data storage segments to be added while still maintaining the
same overall device density.
16-megabit
2.7-volt Only
Serial Firmware
DataFlash®
Memory
AT26DF161
See applicable errata in
Section 17.
3599G–DFLASH–8/08


Similar Part No. - AT26DF161_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT26DF161 ATMEL-AT26DF161_06 Datasheet
577Kb / 35P
16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results

Similar Description - AT26DF161_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT26DF161 ATMEL-AT26DF161 Datasheet
486Kb / 31P
16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF081A ATMEL-AT26DF081A Datasheet
603Kb / 36P
8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26F004 ATMEL-AT26F004_06 Datasheet
614Kb / 38P
4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161 ATMEL-AT26DF161_06 Datasheet
577Kb / 35P
16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF081A ATMEL-AT26DF081A_07 Datasheet
661Kb / 40P
8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF321 ATMEL-AT26DF321_06 Datasheet
585Kb / 34P
32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161A ATMEL-AT26DF161A_06 Datasheet
730Kb / 41P
16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26F004 ATMEL-AT26F004_08 Datasheet
724Kb / 38P
4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT25DF321 ATMEL-AT25DF321 Datasheet
786Kb / 37P
32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161A ATMEL-AT26DF161A_07 Datasheet
703Kb / 41P
16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com