Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT26DF161 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT26DF161
Description  16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF161 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT26DF161_08 Datasheet HTML 15Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 16Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 17Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 18Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 19Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 20Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 21Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 22Page - ATMEL Corporation AT26DF161_08 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
19
3599G–DFLASH–8/08
AT26DF161
10. Status Register Commands
10.1
Read Status Register
The Status Register can be read to determine the device’s ready/busy status, as well as the sta-
tus of many other functions such as Hardware Locking and Software Protection. The Status
Register can be read at any time, including during an internally self-timed program or erase
operation.
To read the Status Register, the CS pin must first be asserted and the opcode of 05h must be
clocked into the device. After the last bit of the opcode has been clocked in, the device will begin
outputting Status Register data on the SO pin during every subsequent clock cycle. After the last
bit (bit 0) of the Status Register has been clocked out, the sequence will repeat itself starting
again with bit 7 as long as the CS pin remains asserted and the SCK pin is being pulsed. The
data in the Status Register is constantly being updated, so each repeating sequence will output
new data.
Deasserting the CS pin will terminate the Read Status Register operation and put the SO pin
into a high-impedance state. The CS pin can be deasserted at any time and does not require
that a full byte of data be read.
Notes:
1. Only bit 7 of the Status Register will be modified when using the Write Status Register command.
2. R/W = Readable and writeable
R = Readable only
Table 10-1.
Status Register Format
Bit(1)
Name
Type(2)
Description
7
SPRL
Sector Protection Registers Locked
R/W
0
Sector Protection Registers are unlocked (default).
1
Sector Protection Registers are locked.
6
RES
Reserved for future use
R
0
Reserved for future use.
5
EPE
Erase/Program Error
R
0
Erase or program operation was successful.
1
Erase or program error detected.
4
WPP
Write Protect (WP) Pin Status
R
0WP is asserted.
1WP is deasserted.
3:2
SWP
Software Protection Status
R
00
All sectors are software unprotected (all Sector
Protection Registers are 0).
01
Some sectors are software protected. Read individual
Sector Protection Registers to determine which
sectors are protected.
10
Reserved for future use.
11
All sectors are software protected (all Sector
Protection Registers are 1 – default).
1
WEL
Write Enable Latch Status
R
0
Device is not write enabled (default).
1
Device is write enabled.
0
RDY/BSY
Ready/Busy Status
R
0
Device is ready.
1
Device is busy with an internal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com