Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51RD2-RDTUM Datasheet(PDF) 91 Page - ATMEL Corporation

Part # AT89C51RD2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTUM Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button AT89C51RD2-RDTUM Datasheet HTML 87Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 88Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 89Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 90Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 91Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 92Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 93Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 94Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 137 page
background image
91
4235K–8051–05/08
AT89C51RD2/ED2
Figure 23-2. Recommended EEPROM Data Read Sequence
23.3
Registers
Table 23-1.
EECON Register
EECON (0D2h)
EEPROM Control Register
EEPROM Data Read
Sequence
Data Read
DPTR= Address
ACC= Data
Exec: MOVX A, @DPTR
Last Byte
to Read?
EEPROM Data Mapping
EECON = 02h (EEE=1)
EEPROM Data Mapping
EECON = 00h (EEE = 0
Save & Disable IT
EA= 0
Restore IT
EEBusy
Cleared?
7
6
5
4
3
2
1
0
-
-
-
-
-
-
EEE
EEBUSY
Bit Number
Bit
Mnemonic
Description
7 - 2
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com