Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51RD2-RDTUM Datasheet(PDF) 96 Page - ATMEL Corporation

Part # AT89C51RD2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTUM Datasheet(HTML) 96 Page - ATMEL Corporation

Back Button AT89C51RD2-RDTUM Datasheet HTML 92Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 93Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 94Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 95Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 96Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 97Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 98Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 99Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 100Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 137 page
background image
96
4235K–8051–05/08
AT89C51RD2/ED2
After programming the part by ISP, the BSB must be cleared (00h) in order to allow the applica-
tion to boot at 0000h.
The content of the Software Security Byte (SSB) is described in Table 24-4 and Table 24-5.
To assure code protection from a parallel access, the HSB must also be at the required level.
Table 24-4.
Software Security Byte
The two lock bits provide different levels of protection for the on-chip code and data, when pro-
grammed as shown in Table 24-5.
BSB
Boot Status Byte
0FFh
SSB
Software Security Byte
FFh
Copy of the Manufacturer Code
58h
Atmel
Copy of the Device ID #1: Family Code
D7h
C51 X2, Electrically Erasable
Copy of the Device ID #2: Memories Size and
Type
ECh
AT89C51RD2/ED2 64KB
Copy of the Device ID #3: Name and Revision
EFh
AT89C51RD2/ED2 64KB,
Revision 0
7
6
5
4
3
2
1
0
-
-
-
-
-
-
LB1
LB0
Bit
Number
Bit
Mnemonic
Description
7
-
Reserved
Do not clear this bit.
6
-
Reserved
Do not clear this bit.
5
-
Reserved
Do not clear this bit.
4
-
Reserved
Do not clear this bit.
3
-
Reserved
Do not clear this bit.
2
-
Reserved
Do not clear this bit.
1-0
LB1-0
User Memory Lock Bits
See Table 24-5
Mnemonic
Definition
Default value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com