| Electronic Components Datasheet Search |
|
CDCE62005 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CDCE62005 Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 76 page ![]() Interface and Control Block Interface & Control REF_SELECT /Power_Down /SYNC EEPROM(DefaultConfiguration) Device Hardware SPI_LE SPI_CLK SPI_MISO SPI_MOSI Register0 StaticRAM(DeviceRegisters) Register1 Register2 Register3 Register4 Register5 Register6 Register7 Register8 Register0 Register1 Register2 Register3 Register4 Register5 Register6 Register7 CDCE62005 SCAS862 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com The CDCE62005 is a highly flexible and configurable architecture and as such contains a number of registers so that the user may specify device operation. The contents of nine 28-bit wide registers implemented in static RAM determine device configuration at all times. On power-up, the CDCE62005 copies the contents of the EEPROM into the RAM and the device begins operation based on the default configuration stored in the EEPROM. Systems that do not have a host system to communicate with the CDCE62005 use this method for device configuration. The CDCE62005 provides the ability to lock the EEPROM; enabling the designer to implement a fault tolerant design. After power-up, the host system may overwrite the contents of the RAM via the SPI (Serial Peripheral Interface) port. This enables the configuration and reconfiguration of the CDCE62005 during system operation. Finally, the device offers the ability to copy the contents of the RAM into EEPROM, if the EEPROM is unlocked. Figure 4. CDCE62005 Interface and Control Block 6 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s) :CDCE62005 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |