Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP910 Datasheet(PDF) 6 Page - Altera Corporation

Part # EP910
Description  The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP910 Datasheet(HTML) 6 Page - Altera Corporation

Back Button EP910 Datasheet HTML 2Page - Altera Corporation EP910 Datasheet HTML 3Page - Altera Corporation EP910 Datasheet HTML 4Page - Altera Corporation EP910 Datasheet HTML 5Page - Altera Corporation EP910 Datasheet HTML 6Page - Altera Corporation EP910 Datasheet HTML 7Page - Altera Corporation EP910 Datasheet HTML 8Page - Altera Corporation EP910 Datasheet HTML 9Page - Altera Corporation EP910 Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
750
Altera Corporation
Classic EPLD Family Data Sheet
EP610, EP610I, EP910, and EP910I devices have a global feedback
configuration; either the macrocell output (Q) or the I/O pin input (I/O)
can feed back to the AND array so that it is accessible to all other
macrocells.
EP1810 macrocells can have either of two feedback configurations:
quadrant or dual. Most macrocells in EP1810 devices have a quadrant
feedback configuration; either the macrocell output or I/O pin input can
feed back to other macrocells in the same quadrant. Selected macrocells in
EP1810 devices have a dual feedback configuration: the output of the
macrocell feeds back to other macrocells in the same quadrant, and the
I/O pin input feeds back to all macrocells in the device. If the associated
I/O pin is not used, the macrocell output can optionally feed all
macrocells in the device. In this case, the output of the macrocell passes
through the tri-state buffer and uses the feedback path between the buffer
and the I/O pin.
Design Security
Classic devices contain a programmable security bit that controls access to
the data programmed into the device. When this bit is programmed, a
proprietary design implemented in the device cannot be copied or
retrieved. This feature provides a high level of design security because
data within configuration elements is invisible. The security bit that
controls this function and other program data is reset only when the
device is erased.
Timing Model
Device timing can be analyzed with the MAX+PLUS II software, with a
variety of popular industry-standard EDA simulators and timing
analyzers, or with the timing model shown in Figure 4. Devices have fixed
internal delays that allow the user to determine the worst-case timing for
any design. The MAX+PLUS II software provides timing simulation,
point-to-point delay prediction, and detailed timing analysis for system-
level performance evaluation.
Figure 4. Classic Timing Model
I/O
Delay
tIO
Feedback
Delay
tFD
Output
Delay
tOD
tXZ
tZX
Input
Delay
tIN
Logic Array
Delay
tLAD
tCLR
Array Clock
Delay
tIC
Register
tSU
tH
tICS
Global Clock
Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com