Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP910 Datasheet(PDF) 36 Page - Altera Corporation

Part # EP910
Description  The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP910 Datasheet(HTML) 36 Page - Altera Corporation

Back Button EP910 Datasheet HTML 32Page - Altera Corporation EP910 Datasheet HTML 33Page - Altera Corporation EP910 Datasheet HTML 34Page - Altera Corporation EP910 Datasheet HTML 35Page - Altera Corporation EP910 Datasheet HTML 36Page - Altera Corporation EP910 Datasheet HTML 37Page - Altera Corporation EP910 Datasheet HTML 38Page - Altera Corporation EP910 Datasheet HTML 39Page - Altera Corporation EP910 Datasheet HTML 40Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
780
Altera Corporation
Classic EPLD Family Data Sheet
Figure 17 shows the typical supply current (ICC) versus frequency for
EP1810 EPLDs.
Figure 17. ICC vs. Frequency of EP1810 Devices
Figure 18 shows the output drive characteristics of EP1810 devices.
Figure 18. Output Drive Characteristics of EP1810 Devices
100
10
1.0
0.1
Frequency
10 kHz
100 kHz
1 MHz
10 MHz
60 MHz
V
= 5.0 V
T
= 25
° C
Typical I
Active (mA)
CC
CC
A
EP1810
Drive characteristics may exceed shown curves.
VO Output Voltage (V)
EP1810-20 & EP1810-25 EPLDs
1
2
3
4
5
IOL
IOH
200
150
100
50
VCC = 5.0 V
TA = 25° C
EP1810-35 & EP1810-45 EPLDs
VO Output Voltage (V)
1
2
3
4
5
IOL
IOH
80
60
40
20
VCC = 5.0 V
TA = 25° C
Typical I
Output
Current (mA)
O
Typical I
Output
Current (mA)
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com