Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS8525AP Datasheet(PDF) 58 Page - Semtech Corporation

Part # ACS8525AP
Description  Line Card Protection Switch for SONET/SDH Systems
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8525AP Datasheet(HTML) 58 Page - Semtech Corporation

Back Button ACS8525AP Datasheet HTML 54Page - Semtech Corporation ACS8525AP Datasheet HTML 55Page - Semtech Corporation ACS8525AP Datasheet HTML 56Page - Semtech Corporation ACS8525AP Datasheet HTML 57Page - Semtech Corporation ACS8525AP Datasheet HTML 58Page - Semtech Corporation ACS8525AP Datasheet HTML 59Page - Semtech Corporation ACS8525AP Datasheet HTML 60Page - Semtech Corporation ACS8525AP Datasheet HTML 61Page - Semtech Corporation ACS8525AP Datasheet HTML 62Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 112 page
background image
ACS8525A LC/P
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007 © Semtech Corp.
Page 58
www.semtech.com
Address (hex):
34
Register Name cnfg_input_mode
Description
(R/W) Register controlling various
input modes of the device.
Default Value
1100 1010*
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
auto_extsync_
en
phalarm_time-
out
XO_edge
extsync_en
ip_sonsdhb
reversion_mode
Bit No.
Description
Bit Value
Value Description
7
auto_extsync_en
Bit to automatically disable the external Frame Sync
input following a source switch.
0
1
External Frame Sync enabled/disabled according to
extsync_en.
External Frame Sync enabled if extsync_en = 1 until
a source switch. After this it is only re-enabled by
writing “1” to extsync_en again.
6
phalarm_timeout
Bit to enable the automatic timeout facility on phase
alarms. When enabled, any source with a phase
alarm set will have its phase alarm cancelled after
128 seconds.
0
1
Phase alarms on sources only cancelled by
software.
Phase alarms on sources automatically time out.
5
XO_edge
If the 12.800 MHz oscillator module connected to
REFCLK has one edge faster than the other, then for
jitter performance reasons, the faster edge should
be selected. This bit allows either the rising edge or
the falling edge to be selected.
0
1
Device uses the rising edge of the external
oscillator.
Device uses the falling edge of the external
oscillator.
4Not used.
-
-
3
extsync_en
Bit to select whether or not DPLL1 will look for a
reference Sync pulse on the SYNC1/2/3 input pins.
Even though this bit may enable the external Sync
reference, it may be disabled according to
auto_extsync_en.
0
1
No External Frame Sync signal on selected Sync
input- SYNC1/2/3 pins ignored.
External Sync derived from selected Sync input-
SYNC1/2/3 pin- according to auto_extsync_en.
2
ip_sonsdhb
Bit to configure input frequencies to be either
SONET or SDH derived. This applies only to
selections of 0001 (bin) in the
cnfg_ref_source_frequency registers when the
input frequency is either 1544 kHz or 2048 kHz.
*The default value of this bit is taken from the value
of the SONSDHB pin at power-up.
0
1
SDH- inputs set to 0001 expected to be 2048 kHz.
SONET- inputs set to 0001 expected to be
1544 kHz.
1Not used.
-
-
0
reversion_mode
Bit to select Revertive/Non-revertive mode. When in
Non-revertive mode, the device will not
automatically switch to a higher priority source,
unless the current source fails. When in Revertive
mode the device will always select the highest
priority source.
0
1
Non-revertive mode.
Revertive mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com