Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS8525AP Datasheet(PDF) 29 Page - Semtech Corporation

Part # ACS8525AP
Description  Line Card Protection Switch for SONET/SDH Systems
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8525AP Datasheet(HTML) 29 Page - Semtech Corporation

Back Button ACS8525AP Datasheet HTML 25Page - Semtech Corporation ACS8525AP Datasheet HTML 26Page - Semtech Corporation ACS8525AP Datasheet HTML 27Page - Semtech Corporation ACS8525AP Datasheet HTML 28Page - Semtech Corporation ACS8525AP Datasheet HTML 29Page - Semtech Corporation ACS8525AP Datasheet HTML 30Page - Semtech Corporation ACS8525AP Datasheet HTML 31Page - Semtech Corporation ACS8525AP Datasheet HTML 32Page - Semtech Corporation ACS8525AP Datasheet HTML 33Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 112 page
background image
ACS8525A LC/P
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007 © Semtech Corp.
Page 29
www.semtech.com
“Digital” Frequencies
Table 11, “O1 and O2 Output Frequency Selection,” lists
Digital1 and Digital2 as available for selection. Digital1 is
a single frequency selected from the range shown in
Table 12. Digital2 is another single frequency selected
from the same range.
Using Output O2 to Control Pulse Width of 2/8 kHz on FrSync,
MFrSync and 01 Outputs
It can be seen from Table 11 (01 and 02 Output
Frequency Selection) that frequencies listed as 2 kHz and
8 kHz can be selected. Whilst the FrSync and MFrSync
outputs are always supplied from DPLL1, the 2 kHz and
8 kHz options available from the O1 and O2 outputs are
all supplied via DPLL1 or DPLL2 (Reg. 7A Bit 7).
The outputs can be either clocks (50:50 mark-space) or
pulses, and can be inverted. When pulse configuration is
used, the pulse width will be one cycle of the rate selected
on Output O2 (Output O2 must be configured to generate
at least 1,544 kHz to ensure that pulses are generated
correctly). Figure 7 shows the various options with the
8 kHz controls in Reg. 7A. There is an identical
arrangement with Reg. 7A Bits [1:0] for the 2 kHz 01 and
MFrSync outputs. Outputs FrSync and MFrSync can be
disabled via Reg. 63 Bits [7:6].
Figure 7 Control of 8k Options.
Table 12 Digital Frequency Selections
Digital1 Control
Reg. 39 Bits [5:4]
Digital1 SONET/
SDH Reg. 38 Bit5
Digital1 Freq. (MHz)
Digital2 Control
Reg. 39 Bits[7:6]
Digital2 SONET/SDH
Reg. 38 Bit6
Digital2 Freq. (MHz)
00
0
2.048
00
0
2.048
01
0
4.096
01
0
4.096
10
0
8.192
10
0
8.192
11
0
16.384
11
0
16.384
00
1
1.544
00
1
1.544
01
1
3.088
01
1
3.088
10
1
6.176
10
1
6.176
11
1
12.352
11
1
12.352
F8525_016outputoptions8k_01
02 Output
FrSync at 8 kHz, or
Output 01 at 8kHz
FrSync at 8 kHz, or
Output 01 at 8kHz
FrSync at 8 kHz, or
Output 01 at 8kHz
FrSync at 8 kHz, or
Output 01 at 8kHz
a) Clock non-inverted, Reg.7A[3:2] = 00
b) Pulse non-inverted, Reg.7A[3:2] = 01
c) Clock inverted, Reg.7A[3:2] = 10
d) Pulse inverted, Reg.7A[3:2] = 11
02 Output
02 Output
02 Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com