Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS8530 Datasheet(PDF) 13 Page - Semtech Corporation

Part # ACS8530
Description  Synchronous Equipment Timing Source for Stratum 2/3E Systems
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8530 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button ACS8530 Datasheet HTML 9Page - Semtech Corporation ACS8530 Datasheet HTML 10Page - Semtech Corporation ACS8530 Datasheet HTML 11Page - Semtech Corporation ACS8530 Datasheet HTML 12Page - Semtech Corporation ACS8530 Datasheet HTML 13Page - Semtech Corporation ACS8530 Datasheet HTML 14Page - Semtech Corporation ACS8530 Datasheet HTML 15Page - Semtech Corporation ACS8530 Datasheet HTML 16Page - Semtech Corporation ACS8530 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 152 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/November 2005 © Semtech Corp.
Page 13
www.semtech.com
ACS8530 SETS
are used when alarms have to be triggered either by fairly
regular defect events, which occur sufficiently close
together, or by defect events which occur in bursts. Events
which are sufficiently spread out should not trigger the
alarm. By adjusting the alarm setting threshold, the point
at which the alarm is triggered can be controlled. The
point at which the alarm is cleared depends upon the
decay rate and the alarm clearing threshold.
On the alarm setting side, if several events occur close
together, each event adds to the amplitude and the alarm
will be triggered quickly; if events occur a little more
spread out, but still sufficiently close together to
overcome the decay, the alarm will be triggered
eventually. If events occur at a rate which is not sufficient
to overcome the decay, the alarm will not be triggered. On
the alarm clearing side, if no defect events occur for a
sufficient time, the amplitude will decay gradually and the
alarm will be cleared when the amplitude falls below the
alarm clearing threshold. The ability to decay the
amplitude over time allows the importance of defect
events to be reduced as time passes by. This means that,
in the case of isolated events, the alarm will not be set,
whereas, once the alarm becomes set, it will be held on
until normal operation has persisted for a suitable time
(but if the operation is still erratic, the alarm will remain
set). See Figure 3.
There is one Leaky Bucket Accumulator per input channel.
Each Leaky Bucket can select from four configurations
(Leaky Bucket Configuration 0 to 3). Each Leaky Bucket
Configuration is programmable for size, alarm set and
reset thresholds, and decay rate.
Each source is monitored over a 128 ms period. If, within
a 128 ms period, an irregularity occurs that is not deemed
to be due to allowable jitter/wander, then the
Accumulator is incremented.
The Accumulator will continue to increment up to the
point that it reaches the programmed Bucket size. The “fill
rate” of the Leaky Bucket is, therefore, 8 units/second.
The “leak rate” of the Leaky Bucket is programmable to
be in multiples of the fill rate (x 1, x 0.5, x 0.25 and
x 0.125) to give a programmable leak rate from
8 units/sec down to 1 unit/sec. A conflict between trying
to “leak” at the same time as a “fill” is avoided by
preventing a leak when a fill event occurs.
Disqualification of a non-selected reference source is
based on inactivity, or on an out-of-band result from the
frequency monitors. The currently selected reference
source can be disqualified for phase, frequency, inactivity
or if the source is outside the DPLL lock range. If the
currently selected reference source is disqualified, the
next highest priority, qualified reference source is
selected.
Figure 3 Inactivity and Irregularity Monitoring
F8530D_026Inact_Irreg_Mon_02
Inactivities/Irregularities
Programmable Fall Slopes
Reference
Source
Leaky
Bucket
Response
Alarm
bucket_size
upper_threshold
lower_threshold
(all programmable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com