Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR2820 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATR2820
Description  Low IF WDCT 5.8 GHz Transceiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2820 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATR2820 Datasheet HTML 1Page - ATMEL Corporation ATR2820 Datasheet HTML 2Page - ATMEL Corporation ATR2820 Datasheet HTML 3Page - ATMEL Corporation ATR2820 Datasheet HTML 4Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NOTE: This is a summary document.
The complete document is available
under NDA. For more information,
please contact your local Atmel sales
office.
Features
• 5.8 GHz Transceiver
• 5 dBm TX Output Power
• –97 dBm Sensitivity
• 1152 kBit/s Data-rate
• Supply-voltage Range 2.9V to 3.6V
• Low IF Receiver
• Low Current Consumption
• Few Low Cost External Components
• No Mechanical Adjustment Required
• Small 32 pin 5 mm
× 5 mm QFN Package
Applications
• 5.8 GHz Digital Cordless Phones
• Game Controllers
• Wireless Head Set
• FCC Part 15 Compliant Radio Link
1.
Description
The ATR2820 is a single-chip RF-transceiver for applications in the 5.8 GHz ISM
band. The QFN32 packaged IC is a complete transceiver including image rejection
mixer, low-IF filter, FM demodulator, RSSI, TX preamplifier, integrated PLL with fully
integrated VCO. No mechanical adjustment is necessary in production.
Low IF WDCT
5.8 GHz
Transceiver
ATR2820
Summary
4704BS–DECT–12/08


Similar Part No. - ATR2820

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2820 ATMEL-ATR2820 Datasheet
111Kb / 4P
Low IF WDCT 5.8 GHz Transceiver
ATR2820-PNQG ATMEL-ATR2820-PNQG Datasheet
111Kb / 4P
Low IF WDCT 5.8 GHz Transceiver
More results

Similar Description - ATR2820

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406 Datasheet
682Kb / 20P
LOW IF .4 GHZ ISM TRANSCEIVER
ATR2806 ATMEL-ATR2806 Datasheet
172Kb / 3P
LOW IF WDCT 2.4 GHz TRANSCEIVER
ATR2808 ATMEL-ATR2808 Datasheet
188Kb / 3P
2.9/5.8 GHz WDCET/ISM SINGLE-CHIP TRANSCEIVER
ATR7040 ATMEL-ATR7040 Datasheet
118Kb / 8P
5.8 GHz WDCT Power Amplifier
ATR2806 ATMEL-ATR2806_05 Datasheet
182Kb / 3P
Low IF WDCT 2.4 GHz Transceiver
ATR7035 ATMEL-ATR7035_05 Datasheet
178Kb / 3P
5.8 GHz WDCT Power Amplifier
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
Low-IF 2.4-GHz ISM Transceiver
ATR2820 ATMEL-ATR2820 Datasheet
111Kb / 4P
Low IF WDCT 5.8 GHz Transceiver
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
Low-IF 2.4-GHz ISM Transceiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com