Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR2820 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATR2820
Description  Low IF WDCT 5.8 GHz Transceiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2820 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATR2820 Datasheet HTML 1Page - ATMEL Corporation ATR2820 Datasheet HTML 2Page - ATMEL Corporation ATR2820 Datasheet HTML 3Page - ATMEL Corporation ATR2820 Datasheet HTML 4Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
4704BS–DECT–12/08
ATR2820
3.
Package Information
4.
Revision History
2.
Ordering Information
Extended Type Number
Package
Remarks
ATR2820-PNQG
QFN32, 5 mm
× 5 mm
Taped and reeled
32
5
1
9
16
32
25
17
24
8
1
5
3.7
3.5
0.5 nom.
0.9±0.1
0.05-0.05
+0
specifications
according to DIN
technical drawings
Issue: 1; 22.01.03
Drawing-No.: 6.543-5096.01-4
Package: QFN 32 - 5 x 5
Exposed pad 3.7 x 3.7
Dimensions in mm
Not indicated tolerances ± 0.05
Please note that the following page numbers referred to in this section refer to the specific revision
mentioned, not to this document.
Revision No.
History
4704BS-DECT-12/08
• Section 3 “Package Information” on page 3 changed



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com