Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC198 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC198
Description  Dual DC-DC Buck Converter with High Current Capability
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC198 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC198 Datasheet HTML 4Page - Semtech Corporation SC198 Datasheet HTML 5Page - Semtech Corporation SC198 Datasheet HTML 6Page - Semtech Corporation SC198 Datasheet HTML 7Page - Semtech Corporation SC198 Datasheet HTML 8Page - Semtech Corporation SC198 Datasheet HTML 9Page - Semtech Corporation SC198 Datasheet HTML 10Page - Semtech Corporation SC198 Datasheet HTML 11Page - Semtech Corporation SC198 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Applications Information (Cont.)
8
© 2007 Semtech Corp.
www.semtech.com
SC198
POWER MANAGEMENT
VOUT
Upper
Threshold Limit
PSAVE Mode at Light Load
PWM Mode at Medium/
High Load
PSAVE Exit
Threshold
BURST
OFF
Higher Load
Applied
0 A
Inductor Current
Time
Lower
Threshold Limit
PSAVE Operation
In PSAVE mode, V
OUT regulation is controlled by bursts
in switching. While the output voltage is between the
low and high voltage thresholds, switching is stopped to
reduce loss in the regulator due to switching. When the
voltage drops to the lower threshold, the switch bursts
at a fixed on time until the upper threshold is met. At
this point the output voltage is allowed to ramp down to
the lower threshold again without switching to conserve
power. In the PSAVE mode, less switching is used. Less
switching results in less power loss which can be seen
in the difference of efficiency between PWM mode and
PSAVE mode at light loads.
The PSAVE switching burst frequency is controlled such
that the inductor current ripple during the burst is similar
to that in PWM mode. The minimum switching frequency
during this period is limited to 650kHz.
The SC198 automatically detects when to exit PSAVE
mode. The device sets a maximum peak current in
PSAVE mode, and then detects when V
OUT falls due to the
load increasing above the level that the peak current will
support.
For the SC198 to exit PSAVE mode, the load must be
increased, which causes V
OUT to decrease until the PSAVE
exit threshold is reached. PSAVE levels are set high to
minimize the undershoot when the SC198 exits PSAVE.
Protection Features
The SC198 provides the following protection features:
Thermal Shutdown
Current Limit
Over-Voltage Protection
Soft-Start
Thermal Shutdown
The device has a thermal shutdown feature to protect the
SC198 if the junction temperature exceeds 145°C. In
thermal shutdown the on-chip power devices are disabled,
tri-stating the LX output. Switching will resume when the
temperature drops by 10°C. During this time if the output
voltage decreases by more than 60% of its programmed
value, a soft-start will be invoked.
Current Limit
The PMOS and NMOS power devices of the buck switcher
stage are protected by current limit functions. In the case
of a short to ground on the output, the part enters frequen-
cy foldback mode, that causes the switching frequency to
divide by a factor determined by the output voltage. This
prevents the inductor current from “staircasing”.
Over-Voltage Protection
Over-voltage protection is provided on the SC198.
Hysteresis is provided to prevent toggling in and out of
operation.
Soft-Start
Thesoft-startmodeoperatesbylimitingthecurrentthrough
the inductor and controlling the switching frequency. The
current limit is increased over several milliseconds the in
discrete steps. This has the desired effect of limiting in-
rush current from the input supply. The soft-start mode is
cancelled once the output reaches regulation. Soft-start
is only re-enabled by power cycling, toggling enable, UVLO
event, or shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com