Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC198 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC198
Description  Dual DC-DC Buck Converter with High Current Capability
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC198 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC198 Datasheet HTML 8Page - Semtech Corporation SC198 Datasheet HTML 9Page - Semtech Corporation SC198 Datasheet HTML 10Page - Semtech Corporation SC198 Datasheet HTML 11Page - Semtech Corporation SC198 Datasheet HTML 12Page - Semtech Corporation SC198 Datasheet HTML 13Page - Semtech Corporation SC198 Datasheet HTML 14Page - Semtech Corporation SC198 Datasheet HTML 15Page - Semtech Corporation SC198 Datasheet HTML 16Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Typical Characteristics
12
© 2007 Semtech Corp.
www.semtech.com
SC198
POWER MANAGEMENT
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Load (A)
VOUT = 1V PWM
VOUT = 1.8V PWM
VOUT = 1V PSAVE
VOUT = 1.8V PSAVE
ENA=ENB=VIN
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Load (A)
VOUT = 1V PSAVE
VOUT = 1.8V PWM
VOUT = 1V PWM
VOUT = 1.8V PSAVE
ENA=ENB=VIN
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
2.73.1
3.53.9
4.34.7
5.15.5
Input (V)
VOUT = 1V
VOUT = 1.8V
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0.001
0.01
0.1
1
Load (A)
VOUT = 1.8V
VOUT = 1V
Efficiency vs. Load @ 2.7V
IN
Efficiency vs. Load @ 3.6V
IN
Efficiency vs. Load @ 5.5V
IN
Line Regulation at 300mA
OUT
Load Regulation at 3.6V
IN (PWM)
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Load (A)
VOUT = 1V PSAVE
VOUT = 1V PWM
VOUT = 1.8V PWM
VOUT = 1.8V PSAVE
ENA=ENB=VIN
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input (V)
-40°C
85°C
25°C
Oscillator Frequency vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com