Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN770 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VN770
Description  QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H-BRIDGE CONFIGURATIONS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN770 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VN770 Datasheet HTML 2Page - STMicroelectronics VN770 Datasheet HTML 3Page - STMicroelectronics VN770 Datasheet HTML 4Page - STMicroelectronics VN770 Datasheet HTML 5Page - STMicroelectronics VN770 Datasheet HTML 6Page - STMicroelectronics VN770 Datasheet HTML 7Page - STMicroelectronics VN770 Datasheet HTML 8Page - STMicroelectronics VN770 Datasheet HTML 9Page - STMicroelectronics VN770 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TYPICAL APPLICATION DIAGRAM
SOURCE-DRAIN DIODE
Symbol
Parameter
Test Co ndi tio ns
Min.
Typ .
Max.
Uni t
ISD
ISDM (
∗∗)
Source-Drain Current
Source-Drain Current
(pulsed)
36
144
A
A
VSD (
∗)Forward On Voltage
ISD =36 A
VGS =0
1.5
V
trr
Qrr
IRRM
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD =36 A,
di/dt =100 A/
µs
Vr =30 V
Tj =150
oC
75
245
6.5
ns
nC
A
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
∗∗) Pulse width limited by Safe Operating Area.
VN770
8/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com