Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN770 Datasheet(PDF) 5 Page - STMicroelectronics

Part # VN770
Description  QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H-BRIDGE CONFIGURATIONS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN770 Datasheet(HTML) 5 Page - STMicroelectronics

  VN770 Datasheet HTML 1Page - STMicroelectronics VN770 Datasheet HTML 2Page - STMicroelectronics VN770 Datasheet HTML 3Page - STMicroelectronics VN770 Datasheet HTML 4Page - STMicroelectronics VN770 Datasheet HTML 5Page - STMicroelectronics VN770 Datasheet HTML 6Page - STMicroelectronics VN770 Datasheet HTML 7Page - STMicroelectronics VN770 Datasheet HTML 8Page - STMicroelectronics VN770 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LOW SIDE SWITCH
Symbol
Parameter
Value
Uni t
VDS
Drain-Source Voltage (VGS =0)
60
V
VDGR
Drain-Gat e Voltage (RGS =20 K
Ω)
60
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current (cont inuous) @ TC =25
oC36
A
ID
Drain Current (cont inuous) @ TC =100
oC24
A
IDM(*)
Drain Current (pulsed)
144
A
dv/dt (1)
Peak Diode Recovery Voltage Slope
7
V/ ns
Tstg
St orage Temperature
-55 t o 150
oC
Tj
Junction Operat ing T emperature
-40 t o 150
oC
THERMAL DATA
Rthj-ca se
Rthj-ca se
Rthj-amb
Thermal Resistance Junction-case (High-side switch)
Max
Thermal Resistance Junction-case (Low-side switch)
Max
Thermal Resistance Junction-ambient
Max
20
20
60
oC/W
oC/W
oC/W
ELECTRICAL CHARACTERISTICS FOR DUAL HIGH SIDE SWITCH
(8 < VCC < 16 V; -40
≤ Tj ≤ 125 oC unless otherwise specified)
POWER
Symbol
Parameter
Test Co ndi tio ns
Min.
Typ .
Max.
Uni t
VCC
Supply Voltage
6
13
26
V
I n(*)
Nominal Current
Tc =85
oCVDS(on)
≤ 0.5 VCC =13 V
1.6
2.6
A
Ron
On Stat e Resistance
IOUT =In VCC =13 V
Tj =25
oC
0.13
0.2
Ω
IS
Supply Current
Of f State
Tj =25
oCVCC = 13 V
35
100
µA
VDS(MAX)
Maximum Voltage Drop IOUT =7.5 A
Tj =85
oCV
CC =1 3
V
1.44
2.3
V
Ri
Output t o G ND internal
Im pedance
Tj =25
oC5
10
20
K
Ω
SWITCHING
Symbol
Parameter
Test Co ndi tio ns
Min.
Typ .
Max.
Uni t
td(on)(^)
Turn-on Delay Time Of
Output Current
Rout =5.4
Ω
525
200
µs
tr(^)
Rise Time Of O utput
Current
Rout =5.4
Ω
10
50
180
µs
td(o ff)(^)
Turn-off Delay Time Of
Output Current
Rout =5.4
Ω
10
75
250
µs
tf(^)
Fall Time O f Out put
Current
Rout =5.4
Ω
10
35
180
µs
(di/dt )on
Turn-on Current Slope
Rout =5.4
Ω
0.003
0.1
A/
µs
(di/dt )off
Turn-off Current Slope
Rout =5.4
Ω
0.005
0.1
A/
µs
VN770
5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com