Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5N07 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VND5N07
Description  OMNIFET: FULLY AUTOPROTECTED POWER MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5N07 Datasheet(HTML) 1 Page - STMicroelectronics

  VND5N07 Datasheet HTML 1Page - STMicroelectronics VND5N07 Datasheet HTML 2Page - STMicroelectronics VND5N07 Datasheet HTML 3Page - STMicroelectronics VND5N07 Datasheet HTML 4Page - STMicroelectronics VND5N07 Datasheet HTML 5Page - STMicroelectronics VND5N07 Datasheet HTML 6Page - STMicroelectronics VND5N07 Datasheet HTML 7Page - STMicroelectronics VND5N07 Datasheet HTML 8Page - STMicroelectronics VND5N07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
June 2004
VND5N07/VND5N07-1
VNP5N07FI/K5N07FM
"OMNIFET":
FULLY AUTOPROTECTED POWER MOSFET
REV. 2
Table 1. General Features
■ LINEAR CURRENT LIMITATION
■ THERMAL SHUT DOWN
■ SHORT CIRCUIT PROTECTION
■ INTEGRATED CLAMP
■ LOW CURRENT DRAWN FROM INPUT PIN
■ DIAGNOSTIC FEEDBACK THROUGH INPUT
PIN
■ ESD PROTECTION
■ DIRECT ACCESS TO THE GATE OF THE
POWER MOSFET (ANALOG DRIVING)
■ COMPATIBLE WITH STANDARD POWER
MOSFET
DESCRIPTION
The VND5N07, VND5N07-1, VNP5N07FI and
VNK5N07FM are monolithic devices made using
STMicroelectronics
VIPower
M0
Technology,
intended for replacement of standard power
MOSFETS in DC to 50 KHz applications. Built-in
thermal shut-down, linear current limitation and
overvoltage clamp protect the chip in harsh
enviroments.
Fault feedback can be detected by monitoring the
voltage at the input pin.
Figure 1. Package
Table 2. Order Codes
Type
Vclamp
RDS(on)
Ilim
VND5N07
VND5N07-1
VND5N07FI
VND5N07FM
70 V
0.2
Ω
5 A
1
3
3
2
1
1
2
3
DPAK
TO-252
IPAK
TO-251
SOT-82FM
ISOWATT220
Package
Tube
Tape and Reel
DPAK
VND5N07
VND5N0713TR
IPAK
VND5N07-1
–
ISOWATT220
VND5N07FI
–
SOT-82FM
VND5N07FM
–


Similar Part No. - VND5N07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5N07 STMICROELECTRONICS-VND5N07 Datasheet
507Kb / 24P
OMNIFET IIfully autoprotected Power MOSFET
11-Dec-2008
VND5N07 STMICROELECTRONICS-VND5N07 Datasheet
618Kb / 24P
fully autoprotected Power MOSFET
25-Sep-2013
VND5N07-1 STMICROELECTRONICS-VND5N07-1 Datasheet
507Kb / 24P
OMNIFET IIfully autoprotected Power MOSFET
11-Dec-2008
VND5N07-1 STMICROELECTRONICS-VND5N07-1 Datasheet
618Kb / 24P
fully autoprotected Power MOSFET
25-Sep-2013
VND5N07-E STMICROELECTRONICS-VND5N07-E Datasheet
618Kb / 24P
fully autoprotected Power MOSFET
25-Sep-2013
More results

Similar Description - VND5N07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNB49N04 STMICROELECTRONICS-VNB49N04 Datasheet
506Kb / 22P
OMNIFET: fully autoprotected Power MOSFET
25-Nov-2010
VNB14N04-E STMICROELECTRONICS-VNB14N04-E Datasheet
522Kb / 17P
"OMNIFET" fully autoprotected Power MOSFET
08-Apr-2009
VNB20N07-E STMICROELECTRONICS-VNB20N07-E Datasheet
491Kb / 13P
"OMNIFET": FULLY AUTOPROTECTED POWER MOSFET
Jun-1998
VNS3NV04DPTR-E STMICROELECTRONICS-VNS3NV04DPTR-E Datasheet
289Kb / 21P
OMNIFET II fully autoprotected Power MOSFET
09-Mar-2011
VNB10N07TR-E STMICROELECTRONICS-VNB10N07TR-E Datasheet
511Kb / 14P
OMNIFET FULLY AUTOPROTECTED POWER MOSFET
Jun-1998
VND10N0613TR STMICROELECTRONICS-VND10N0613TR Datasheet
595Kb / 25P
OMNIFET fully autoprotected Power MOSFET
25-Sep-2013
VNB28N04-E STMICROELECTRONICS-VNB28N04-E Datasheet
226Kb / 13P
OMNIFET FULLY AUTOPROTECTED POWER MOSFET
Sep-2013
VND10N06-1-E STMICROELECTRONICS-VND10N06-1-E Datasheet
595Kb / 25P
OMNIFET fully autoprotected Power MOSFET
25-Sep-2013
VNB35N07TR-E STMICROELECTRONICS-VNB35N07TR-E Datasheet
153Kb / 13P
OMNIFET FULLY AUTOPROTECTED POWER MOSFET
Jun-1998
VNV35N07-E STMICROELECTRONICS-VNV35N07-E Datasheet
464Kb / 24P
OMNIFET: fully autoprotected Power MOSFET
02-Feb-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com