Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1302AIMSTRT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1302AIMSTRT
Description  Dual High Speed Low-Side MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1302AIMSTRT Datasheet(HTML) 4 Page - Semtech Corporation

  SC1302AIMSTRT Datasheet HTML 1Page - Semtech Corporation SC1302AIMSTRT Datasheet HTML 2Page - Semtech Corporation SC1302AIMSTRT Datasheet HTML 3Page - Semtech Corporation SC1302AIMSTRT Datasheet HTML 4Page - Semtech Corporation SC1302AIMSTRT Datasheet HTML 5Page - Semtech Corporation SC1302AIMSTRT Datasheet HTML 6Page - Semtech Corporation SC1302AIMSTRT Datasheet HTML 7Page - Semtech Corporation SC1302AIMSTRT Datasheet HTML 8Page - Semtech Corporation SC1302AIMSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
 2008 Semtech Corp.
www.semtech.com
SC1302A/B/C/D/E/F
PRELIMINARY
POWER MANAGEMENT
Pin Descriptions
Timing Diagram
90%
10%
90%
10%
90%
10%
10%
90%
10%
90%
tR
tF
t
F
tR
tD1
tD2
Input
Non -in verting
Ou tp ut
S C1302A
Invertin g
Ou tp ut
S C1302B
0V
5V
#
n
i
PD
/
A
2
0
3
1
C
SE
/
B
2
0
3
1
C
SF
/
C
2
0
3
1
C
Sn
o
i
t
c
n
u
F
n
i
P
1C
N
/
N
EC
N
/
N
EC
N
/
N
E
e
r
a
s
t
u
p
t
u
o
h
t
o
b
,
w
o
l
n
e
v
i
r
d
s
i
N
E
e
h
t
n
e
h
W
.l
o
r
t
n
o
c
e
l
b
a
s
i
d
/
e
l
b
a
n
E
g
n
i
y
t
y
b
s
r
e
v
i
r
d
h
t
o
b
e
l
b
a
n
E
.
w
o
l
e
r
a
s
t
u
p
t
u
o
h
t
o
b
,
n
e
p
o
t
f
e
l
n
e
h
W
.
w
o
l
.
V
2
n
a
h
t
r
e
t
a
e
r
g
e
g
a
tl
o
v
a
o
t
n
i
p
N
EE
,
D
s
n
o
i
s
r
e
v
n
o
n
o
it
c
e
n
n
o
c
o
N
.
F
d
n
a
2A
N
IA
N
IA
N
I
.
w
o
l
s
i
7
n
i
P
,
n
e
p
o
t
f
e
l
n
e
h
W
.
A
r
e
v
i
r
d
e
h
t
o
t
t
u
p
n
i
e
l
b
it
a
p
m
o
c
-
L
T
T
3D
N
GD
N
GD
N
G.
d
n
u
o
r
G
4B
N
IB
N
IB
N
I
.
w
o
l
s
i
5
n
i
P
,
n
e
p
o
t
f
e
l
n
e
h
W
.
B
r
e
v
i
r
d
e
h
t
o
t
t
u
p
n
i
e
l
b
it
a
p
m
o
c
-
L
T
T
5B
T
U
OB
T
U
OB
T
U
O.
T
E
F
S
O
M
l
a
n
r
e
t
x
e
r
o
f
B
e
v
i
r
d
e
t
a
g
t
u
p
t
u
O
6C
C
VC
C
VC
C
V
d
l
e
h
e
r
a
s
t
u
p
t
u
o
e
h
t
,
O
L
V
U
g
n
i
r
u
D
.
y
l
p
p
u
s
V
5
.
6
1
+
o
t
V
5
.
4
+
:
y
l
p
p
u
S
.
w
o
l
7A
T
U
OA
T
U
OA
T
U
O.
T
E
F
S
O
M
l
a
n
r
e
t
x
e
r
o
f
A
e
v
i
r
d
e
t
a
g
t
u
p
t
u
O
8C
N
/
N
D
H
SC
N
/
N
D
H
SC
N
/
N
D
H
S
ll
u
P
.
e
c
i
v
e
d
e
l
b
a
n
e
o
t
C
C
V
o
t
V
2
m
o
r
f
e
g
a
tl
o
v
a
y
l
p
p
A
.
n
i
p
n
w
o
d
t
u
h
S
.
n
w
o
d
t
u
h
s
r
e
w
o
p
-
w
o
l
r
o
f
V
3
.
0
w
o
l
e
b,
D
s
n
o
i
s
r
e
v
n
o
n
o
it
c
e
n
n
o
c
o
N
.
F
d
n
a
E



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com