Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1302AIMSTRT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1302AIMSTRT
Description  Dual High Speed Low-Side MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1302AIMSTRT Datasheet(HTML) 1 Page - Semtech Corporation

  SC1302AIMSTRT Datasheet HTML 1Page - Semtech Corporation SC1302AIMSTRT Datasheet HTML 2Page - Semtech Corporation SC1302AIMSTRT Datasheet HTML 3Page - Semtech Corporation SC1302AIMSTRT Datasheet HTML 4Page - Semtech Corporation SC1302AIMSTRT Datasheet HTML 5Page - Semtech Corporation SC1302AIMSTRT Datasheet HTML 6Page - Semtech Corporation SC1302AIMSTRT Datasheet HTML 7Page - Semtech Corporation SC1302AIMSTRT Datasheet HTML 8Page - Semtech Corporation SC1302AIMSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
www.semtech.com
POWER MANAGEMENT
SC1302A/B/C/D/E/F
Dual High Speed Low-Side
MOSFET Driver
Revision: June 11, 2008
Description
Features
Applications
+4.5V to +16.5V operation
Fast rise and fall times (20ns typical with 1000pf
load)
Dual MOSFET driver
2A peak drive current
40ns propagation delay
8-pin SOIC / MSOP lead free packages. This product
is fully WEEE and RoHS compliant
Enable/disable control
TTL-compatible input
Under voltage lockout with hysteresis
Low shutdown supply current
Over temperature protection
ESD protection
Dual inverting/non-inverting and inverting/non-invert-
ing configurations
Switch-mode power supplies
Battery powered applications
Solenoid and motor drives
Typical Application Circuit
S C 13 02 A
6
2
4
5
1
VC C
IN A
OU TA
GN D
EN
10 uF
0.1uF
In p u tA
+ 12V
IN B
OU TB
S HDN
7
3
8
Lo ad A
Lo ad B
Vlo a d
In p u tB
The SC1302A/B/C/D/E/F family are low cost dual low-
side MOSFET drivers. These drivers accept TTL-compat-
ible inputs and are capable of supplying high current
outputs (> 2A peak) to external MOSFETs. Fast switch-
ing allows operation up to 1 MHz. The SC1302A/B/C is
available in six configurations: SC1302A is a dual non-
inverting, SC1302B is a dual inverting and SC1302C is a
one inverting plus one non-inverting output.
The SC1302D/E/F is the derivative part from SC1302A/
B/C with pin 1 (EN) and pin 8 (SHDN) internally tied to
VCC.
An under-voltage lockout circuit guarantees that the
driver outputs are low when Vcc is less than 4.5V (typ).
An internal temperature sensor shuts down the driver in
the event of over temperature.


Similar Part No. - SC1302AIMSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1302AIMSTRT SEMTECH-SC1302AIMSTRT Datasheet
197Kb / 10P
Dual High Speed Low-Side MOSFET Driver
SC1302AIMSTRT SEMTECH-SC1302AIMSTRT Datasheet
352Kb / 13P
Dual High Speed Low-Side MOSFET Driver
More results

Similar Description - SC1302AIMSTRT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5021 MICREL-MIC5021 Datasheet
132Kb / 9P
High-Speed High-Side MOSFET Driver
MIC5031 MICREL-MIC5031 Datasheet
88Kb / 8P
High-Speed High-Side MOSFET Driver
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
logo
Semtech Corporation
SC1302A SEMTECH-SC1302A Datasheet
197Kb / 10P
Dual High Speed Low-Side MOSFET Driver
logo
Micrel Semiconductor
MIC5021 MICREL-MIC5021_05 Datasheet
207Kb / 10P
High-Speed High-Side MOSFET Driver
logo
Semtech Corporation
SC1302A SEMTECH-SC1302A_09 Datasheet
352Kb / 13P
Dual High Speed Low-Side MOSFET Driver
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
logo
ON Semiconductor
NCP81074A ONSEMI-NCP81074A Datasheet
269Kb / 12P
High Speed Low-Side MOSFET Driver
November, 2015 ??Rev. 3
logo
Texas Instruments
UCC27324-Q1 TI1-UCC27324-Q1_15 Datasheet
462Kb / 22P
Dual 4A Peak High-Speed Low-Side Power MOSFET Driver
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com