Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC802 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC802
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC802 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC802 Datasheet HTML 5Page - Semtech Corporation SC802 Datasheet HTML 6Page - Semtech Corporation SC802 Datasheet HTML 7Page - Semtech Corporation SC802 Datasheet HTML 8Page - Semtech Corporation SC802 Datasheet HTML 9Page - Semtech Corporation SC802 Datasheet HTML 10Page - Semtech Corporation SC802 Datasheet HTML 11Page - Semtech Corporation SC802 Datasheet HTML 12Page - Semtech Corporation SC802 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
© 2008 Semtech Corporation
SC802/SC802A
9
General Operation
The SC802 and SC802A can be configured independently
with respect to fast-charge and termination current,
output voltage, timing, and operation with and without a
battery (LDO mode). A typical charging cycle is described
in this section. Details on alternate applications and
output programmability are covered in subsequent sec-
tions. Wherever the SC802 and SC802A descriptions are
the same, the part will be referred to as the SC802/A.
The charging cycle begins when the adapter is plugged in.
The SC802/A performs glitch filtering on the VCC input
and initiates a charge cycle when V
VCC
> VT
UVLOR
. The CPB
and CHRGB signals turn on the charger LED’s. If the battery
voltage is less than 2.8V, the SC802/A will charge the
output with the pre-charge current. When the battery
voltage exceeds 2.8V, the SC802/A enters fast-charge or
Constant Current (CC) regulation. When the battery
voltage reaches its final value, the charger enters Constant
Voltage (CV) regulation. The CV regulation output voltage,
(V
CV
), can be programmed to fixed values V
CV-HI
= 4.2V,
V
CV-LO
= 4.1V, or programmed to any voltage V
CV-ADJ
using
the available Adjust Mode. In CV regulation the battery
accepts decreasing current until the output current (I
VOUT
)
reaches the programmed termination current, designated
(I
TERM
).
When I
VOUT
< I
TERM
, an event known as charge termination,
the CHRGB status indicator turns off, but the SC802/A
continues to hold the battery in CV regulation until the
timer cycle is completed. At this point the charger enters
the monitor state where the output remains off until V
VOUT
drops by VT
ReQ
, nominally 100mV, and a new charge cycle
is initiated.
Termination Current
When the battery reaches the CV voltage (V
CV
), the charger
transitions from a constant current source to a constant
voltage source. The current through the battery begins to
decrease while the voltage remains constant until the
current decreases below the programmed termination
current set by the ITERM pin resistance to ground. Upon
termination, the SC802/A will turn off the CHRGB status
indicator. If the timer is enabled, the output will remain in
CV regulation until the timer cycle is complete. If the timer
is disabled, then the output will turn off as soon as the
termination current level is reached. The termination
current is programmed according to the following
equations.
88
R
5
.
1
I
ITERM
TERM
(SC802)
97
R
5
.
1
I
ITERM
TERM
(SC802A)
The termination current is programmable up to 67mA for
the SC802, and up to 150mA for the SC802A.
Pre-Charge
Pre-charge regulation is automatically enabled when the
battery voltage is below the pre-charge threshold, VT
PreQ
,
nominally 2.8V. Pre-charge is required to precondition
the battery for fast-charging, and to limit the power dis-
sipation in the charger. The pre-charge current value, I
PQ
,
is determined by the ITERM pin resistance to ground. The
pre-charge current is programmable from 10mA to
125mA with the SC802, and up to 150mA with the
SC802A. The pre-charge current is given by the following
equations.
88
R
8
.
2
I
ITERM
PQ
(SC802)
97
R
5
.
1
I
ITERM
PQ
(SC802A)
If the charge timer is enabled, a pre-charge timer is also
enabled. If the pre-charge time exceeds 1/4 of the pro-
grammed total charge time, the charger will turn off and
a pre-charge fault will be indicated by blinking the CHRGB
status indicator. This fault is cleared when the charger is
disabled (by grounding the EN_NTC pin), or the VCC input
voltage is cycled, or the output voltage rises above 2.8V.
Fast-Charge
Fast-charge or CC regulation is active when the battery
voltage is above VT
PreQ
and less than V
CV
, the final float
charge voltage of the battery. The fast-charge current
can be set to a maximum of 1.5A and is selected by the
program resistor on the IPRGM pin. The voltage on this
pin represents the current through the battery. It enables
a microprocessor via an Analog-to-Digital Converter
(ADC) to monitor battery current by sensing the voltage
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com