Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC802 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC802
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC802 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC802 Datasheet HTML 7Page - Semtech Corporation SC802 Datasheet HTML 8Page - Semtech Corporation SC802 Datasheet HTML 9Page - Semtech Corporation SC802 Datasheet HTML 10Page - Semtech Corporation SC802 Datasheet HTML 11Page - Semtech Corporation SC802 Datasheet HTML 12Page - Semtech Corporation SC802 Datasheet HTML 13Page - Semtech Corporation SC802 Datasheet HTML 14Page - Semtech Corporation SC802 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
© 2008 Semtech Corporation
SC802/SC802A
11
page 1, an increasing battery temperature produces a
decreasing NTC pin voltage, designated V
EN_NTC
.
When V
EN_NTC
is greater than the high (cold) threshold (but
below the Charger Enable threshold) or less than the low
(hot) threshold (but above the Disable threshold), the
charge cycle is suspended, turning off the output. This
suspends but does not reset the charge timer, and indi-
cates a charging fault by blinking the CHRGB status indi-
cator. Hysteresis is provided for both high and low NTC
thresholds to avoid chatter at the NTC temperature fault
thresholds. When V
EN_NTC
returns to the Temperature-OK-
to-Charge range, the charge timer resumes, CHRGB is
asserted (pulled low), the charging output is enabled, and
the charge cycle continues. The timer will expire when
the output on-time exceeds the timer setting, regardless
of how long it has been disabled due to an NTC fault.
All EN_NTC input thresholds are proportional to the VCC
pin voltage (V
VCC
). When the recommended external NTC
circuit is used, the external EN_NTC pin voltage is also
proportional to V
VCC
, varying with the thermistor resis-
tance. This ensures that all EN_NTC thresholds are insensi-
tive to V
VCC
. The ratiometric hot and cold thresholds are
given by the parameters RT
NTC_HF
and RT
NTC_CR
. V
EN_NTC
between RT
NTC_HF×V
VCC
and RT
NTC_CR×V
VCC
indicates the
battery temperature is safe to charge, and enables charg-
ing. See the following table.
EN_NTC Pin Ratiometric Thresholds
% of V
VCC
Range
V
EN_NTC
Ratiometric
Thresholds
RT
NTC_EN
= 90%
Charger Enable
NTC Cold Fault
RT
NTC_CR
= 75%
NTC Temperature-
OK-to-Charge
RT
NTC_HF
= 30%
NTC Hot Fault
RT
NTC_DIS
= 1V
Charger Disable
When V
EN_NTC
< 1V approximately, the SC802/A charger is
disabled. This allows the system controller to asynchro-
nously disable or reset the device by pulling EN_NTC to
ground, using for example an n-channel FET. When dis-
abled, the charger is turned off, the charge timer is reset,
Applications Information (continued)
and CHRGB is turned off (high). The behavior of CPB
differs between the SC802 and SC802A when the device
is disabled. See the Status Indicators section.
Charger Enable is selected when the battery (along with
the thermistor) is removed, determined by the NTC pin
exceeding RT
NTC_EN
× V
VCC
, nominally 90% of the VCC pin
voltage. Charger Enable behaves identically to NTC safe-
to-charge. Charger Enable also provides a convenient
means to operate the SC802/A in applications without a
battery thermistor, without requiring a passive resistor
network to obtain 50% of V
VCC
. Connect EN_NTC directly
to VCC, or via a pullup resistor if it will be necessary to
disable the charger by pulling EN_NTC to ground.
The response of the SC802/A to an EN_NTC pin voltage
above the NTC Cold Fault threshold (but below RT
NTC_EN
)
or below the low NTC Hot Fault threshold (but above
VT
NTC_DIS) is the same. Therefore the EN_NTC network can
be configured with the battery pack thermistor between
EN_NTC and VCC, and a fixed resistor between EN_NTC
and ground, reversing the designation of the hot and cold
thresholds. This configuration may be used to disable the
charger when the battery pack is removed.
For detailed design guidance for ratiometric NTC inter-
faces, including thermistor selection guidelines, see the
Semtech Application Note AN–PM–0801, NTC Thermistor
Network Design for Ratiometric Thresholds.
Status Indicators
There are two status indicator outputs on the SC802/A —
CHRGB (Charge) and CPB (Charger Present). These
outputs are open drain n-channel MOSFET drivers suit-
able for driving LEDs directly. The following table defines
each output state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com