Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2001IPWR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2001IPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2001IPWR Datasheet(HTML) 32 Page - Texas Instruments

Back Button MSP430F2001IPWR Datasheet HTML 28Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 29Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 30Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 31Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 32Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 33Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 34Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 35Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
typical characteristics -- calibrated 1MHz DCO frequency
TA -- Temperature -- °C
0.97
0.98
0.99
1.00
1.01
1.02
1.03
--50.0
--25.0
0.0
25.0
50.0
75.0
100.0
Figure 11. Calibrated 1 MHz Frequency vs. Temperature
VCC =1.8 V
VCC =2.2 V
VCC =3.0 V
VCC =3.6 V
VCC -- Supply Voltage -- V
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.5
2.0
2.5
3.0
3.5
4.0
Figure 12. Calibrated 1 MHz Frequency vs. VCC
TA =--40 °C
TA =25 °C
TA =85 °C
TA = 105 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com